Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. CNY17F
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CNY17F Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 4 of 16
Version# 1.1
Absolute Maximum Rating
Symbol
Parameter
Rating
Units
TSTG
Storage Temperature
-55 to +150
ºC
TOPR
Operating Temperature
-55 to +100
ºC
TSOL
Lead Solder Temperature
(≤10s)
260 for 10 sec
ºC
PTOT
Total Power Dissipation
200
mW
EMITTER
IF
Continuous Forward Current
60
mA
IFM
Peak Forward Current
1
A
VR
Reverse Voltage
6
V
PD
Power Dissipation
70
mW
Power Dissipation Derated above 25 ºC
1.41
mW/ ºC
DETECTOR
VCEO
Collector
–Emitter Voltage
80
V
VCBO
Collector-Base Voltage (Only for CNY17 Series)
80
V
IC
Collector Current
50
mA
VECO
Emitter-Collector Voltage
7
V
PC
Collector Power Dissipation
150
mW
Collector Power Dissipation Derated above 25 ºC
1.76
mW/ºC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn