Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CNY17F
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CNY17F Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 3 of 16
Version# 1.1
SMD lead bend (Option S):
-
All Dimensions are in mm
-
Tolerance = +/- 0.1mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn