Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part No. CNY17F
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CNY17F Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 9Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 10Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 11Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 12Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 13Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 14Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 15Page - List of Unclassifed Manufacturers CNY17F Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 13 of 16
Version# 1.1
Ordering Information:
Part
Number
Orderable Part
Number
Options
Description
Quantity per
packing
CNY17-1
CNY17-1
None
Standard 6pin DIP
60pcs / Tube
CNY17-1V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17-1TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17-1TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17-1STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17-1STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel
CNY17-2
CNY17-2
None
Standard 6pin DIP
60pcs / Tube
CNY17-2V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17-2TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17-2TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17-2STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17-2STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel
CNY17-3
CNY17-3
None
Standard 6pin DIP
60pcs / Tube
CNY17-3V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17-3TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17-3TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17-3STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17-3STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn