Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4277-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4277-EP
Description  OPA4277-EP High Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4277-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4277-EP Datasheet HTML 3Page - Texas Instruments OPA4277-EP Datasheet HTML 4Page - Texas Instruments OPA4277-EP Datasheet HTML 5Page - Texas Instruments OPA4277-EP Datasheet HTML 6Page - Texas Instruments OPA4277-EP Datasheet HTML 7Page - Texas Instruments OPA4277-EP Datasheet HTML 8Page - Texas Instruments OPA4277-EP Datasheet HTML 9Page - Texas Instruments OPA4277-EP Datasheet HTML 10Page - Texas Instruments OPA4277-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
Temperature ( °C)
CMR
A
OL
PSR
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
5
4
3
2
1
0
–1
–2
–3
–4
–5
Curves represent typical
production units.
Offset Voltage (µV/°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
35
30
25
20
15
10
5
0
Typical distribution
of packaged units.
Single, dual, and
quad included.
Offset Voltage (µV)
– 50– 45– 40– 35– 30– 25– 20– 15– 10 – 5 0 5 10 15 20 25 30 35 40 45 50
16
14
12
10
8
6
4
2
0
Typical distribution
of packaged units.
Single, dual, and
quad included.
10
100
1k
10k
100k
1
0.1
0.01
0.001
Frequency (Hz)
G = 10, R
L = 2kΩ, 10kΩ
G = 1, R
L = 2kΩ, 10kΩ
10
100
1k
10k
100k
Frequency (Hz)
1M
140
120
100
80
60
40
Dual and quad devices. G = 1,
all channels. Quad measured
channel A to D or B to C —other
combinations yield similar or
improved rejection.
OPA4277-EP
www.ti.com
SBOS714 – NOVEMBER 2014
Typical Characteristics (continued)
At TJ = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
VOUT = 3.5 Vrms
Figure 5. Channel Separation vs Frequency
Figure 6. Total Harmonic Distortion + Noise vs Frequency
Figure 7. Offset Voltage Production Distribution
Figure 8. Offset Voltage Drift Production Distribution
Figure 10. Input Bias Current vs Temperature
Figure 9. AOL, CMR, PSR vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-EP TI1-OPA4277-EP Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
OPA4277-EP TI-OPA4277-EP Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
More results

Similar Description - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2277-EP TI-OPA2277-EP Datasheet
395Kb / 21P
[Old version datasheet]   OPA2277-EP High-Precision, Low-Noise Operational Amplifier
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com