Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2314ASDRBREP Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2314ASDRBREP
Description  3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314ASDRBREP Datasheet(HTML) 3 Page - Texas Instruments

  OPA2314ASDRBREP Datasheet HTML 1Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 2Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 3Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 4Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 5Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 6Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 7Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 8Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPA2314-EP
www.ti.com
SBOS597 – SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V
(1)
Boldface limits apply over the specified temperature range: TA = –40°C to +150°C.
At TA = +25 °C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = (VS+) – 1.3 V
0.5
2.5
mV
Over temperature
TA = –40°C to +150°C
3.5
mV
dVOS/dT
vs Temperature
1
μV/°C
PSRR
vs Power supply
VCM = (VS+) – 1.3 V
78
92
dB
VS = 5.5 V, (VS–) – 0.2 V <
TA = –40°C to +150°C
72
dB
VCM < (VS+) – 1.3 V
Channel separation, dc
At dc
10
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.2
(V+) + 0.2
V
VS = 1.8 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V,
68
86
dB
TA = –40°C to +150°C
VS = 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V,
CMRR
Common-mode rejection ratio
71
90
dB
TA = –40°C to +150°C
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2),
60
TA = –40°C to +150°C
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±10
pA
Over temperature
TA = –40°C to +150°C
±2
nA
IOS
Input offset current
±0.2
±10
pA
Over temperature
TA = –40°C to +150°C
±2
nA
NOISE
Input voltage noise (peak-to-
f = 0.1 Hz to 10 Hz
5
μVPP
peak)
f = 10 kHz
13
nV/
√Hz
en
Input voltage noise density
f = 1 kHz
14
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz
INPUT CAPACITANCE
Differential
VS = 5.0 V
1
pF
CIN
Common-mode
VS = 5.0 V
5
pF
OPEN-LOOP GAIN
VS = 1.8 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
115
dB
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
100
128
dB
AOL
Open-Loop Voltage Gain
VS = 1.8 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
90
100
dB
VS = 5.5 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
94
110
dB
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
110
dB
Over temperature
VS = 5.5 V, 0.5 V < VO < (V+) – 0.2 V, RL = 2 kΩ
100
dB
Phase margin
VS = 5.0 V, G = +1, RL = 10 kΩ
65
deg
(1)
Parameters with MIN and/or MAX specification limits are 100% production tested, unless otherwise noted.
(2)
Limits are based on characterization and statistical analysis; not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA2314-EP


Similar Part No. - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AID TI-OPA2314AID Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA2314AIDGK TI1-OPA2314AIDGK Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDGK TI-OPA2314AIDGK Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com