Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853S01I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS853S01I
Description  One LVPECL output pair
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S01I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS853S01I Datasheet HTML 6Page - Integrated Device Technology ICS853S01I Datasheet HTML 7Page - Integrated Device Technology ICS853S01I Datasheet HTML 8Page - Integrated Device Technology ICS853S01I Datasheet HTML 9Page - Integrated Device Technology ICS853S01I Datasheet HTML 10Page - Integrated Device Technology ICS853S01I Datasheet HTML 11Page - Integrated Device Technology ICS853S01I Datasheet HTML 12Page - Integrated Device Technology ICS853S01I Datasheet HTML 13Page - Integrated Device Technology ICS853S01I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ICS853S01AGI REVISION A OCTOBER 29, 2012
10
©2012 Integrated Device Technology, Inc.
ICS853S01I Data Sheet
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
LVPECL Clock Input Interface (3.3V)
The PCLK/nPCLK accepts LVPECL, LVDS and other differential
signals. Both VSWING and VOH must meet the VPP and VCMR input
requirements. Figures 2A to 2C show interface examples for the
PCLK/nPCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 2A. PCLK/nPCLK Input Driven by a 3.3V LVPECL
Driver
Figure 2C. PCLK/nPCLK Input Driven by a 3.3V LVDS
Driver
Figure 2E. PCLK/nPCLK Input Driven by a CML Driver
Figure 2B. PCLK/nPCLK Input Driven by a 3.3V LVPECL
Driver with AC Couple
Figure 2D. PCLK/nPCLK Input Driven by a
Built-In Pullup CML Driver
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
3.3V
3.3V
LVPECL
LVPECL
Input
3.3V
R1
100
Ω
LVDS
PCLK
nPCLK
3.3V
LVPECL
Input
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
LVPECL
Input
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
Ω
R2
50
Ω
R3
84
R4
84
R1
125
R2
125
R5
100 - 200
R6
100 - 200
PCLK
nPCLK
3.3V LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
LVPECL
Input
C1
C2
PCLK
nPCLK
3.3V
LVPECL
Input
3.3V
Zo = 50
Ω
Zo = 50
Ω
R1
100
Ω
CML Built-In Pullup


Similar Part No. - ICS853S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S011BI IDT-ICS853S011BI Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853S011CI IDT-ICS853S011CI Datasheet
547Kb / 19P
   Maximum output frequency
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
495Kb / 20P
   12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
More results

Similar Description - ICS853S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
ICS854S057BI IDT-ICS854S057BI Datasheet
767Kb / 15P
   One LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
MAX9324 MAXIM-MAX9324 Datasheet
274Kb / 12P
   One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
19-2576; Rev 0; 10/02
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
   LVPECL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com