Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853S01I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS853S01I
Description  One LVPECL output pair
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S01I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS853S01I Datasheet HTML 1Page - Integrated Device Technology ICS853S01I Datasheet HTML 2Page - Integrated Device Technology ICS853S01I Datasheet HTML 3Page - Integrated Device Technology ICS853S01I Datasheet HTML 4Page - Integrated Device Technology ICS853S01I Datasheet HTML 5Page - Integrated Device Technology ICS853S01I Datasheet HTML 6Page - Integrated Device Technology ICS853S01I Datasheet HTML 7Page - Integrated Device Technology ICS853S01I Datasheet HTML 8Page - Integrated Device Technology ICS853S01I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ICS853S01AGI REVISION A OCTOBER 29, 2012
4
©2012 Integrated Device Technology, Inc.
ICS853S01I Data Sheet
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
Table 4D. LVPECL DC Characteristics, VCC = 3.3V±5%; VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than VEE – 0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
NOTE 3: Outputs terminated with 50
to V
CC – 2V.
Table 4E. LVPECL DC Characteristics, VCC = 2.5V±5%; VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than VEE – 0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
NOTE 3: Outputs terminated with 50
to V
CC – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK0, PCLK1,
nPCLK0, nPCLK1
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
PCLK0, PCLK1
VCC = 3.465V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
150
1200
mV
VCMR
Common Mode Input Voltage;
NOTE 1, 2
1.2
VCC
V
VOH
Output High Voltage;
NOTE 3
VCC – 1.125
VCC – 0.875
V
VOL
Output Low Voltage;
NOTE 3
VCC – 1.895
VCC – 1.62
V
VSWING
Peak-to-Peak Output Voltage Swing
0.495
0.975
V
VBB
Bias Voltage
1.695
2.145
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK0, PCLK1,
nPCLK0, nPCLK1
VCC = VIN = 2.625V
150
µA
IIL
Input Low Current
PCLK0, PCLK1
VCC = 2.625V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 2.625V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
150
1200
mV
VCMR
Common Mode Input Voltage; NOTE
1, 2
1.2
VCC
V
VOH
Output High Voltage;
NOTE 3
VCC – 1.125
VCC – 0.875
V
VOL
Output Low Voltage;
NOTE 3
VCC – 1.895
VCC – 1.62
V
VSWING
Peak-to-Peak Output Voltage Swing
0.495
0.975
V
VBB
Bias Voltage
0.935
1.305
V


Similar Part No. - ICS853S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S011BI IDT-ICS853S011BI Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853S011CI IDT-ICS853S011CI Datasheet
547Kb / 19P
   Maximum output frequency
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
logo
Integrated Device Techn...
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
495Kb / 20P
   12:1, Different ial-to-3.3V, 2.5V LVPECL Clock/Data Mult iplexer
More results

Similar Description - ICS853S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
ICS854S057BI IDT-ICS854S057BI Datasheet
767Kb / 15P
   One LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
MAX9324 MAXIM-MAX9324 Datasheet
274Kb / 12P
   One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
19-2576; Rev 0; 10/02
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
   LVPECL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com