Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87016I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 87016I
Description  Maximum output frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87016I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 87016I Datasheet HTML 3Page - Integrated Device Technology 87016I Datasheet HTML 4Page - Integrated Device Technology 87016I Datasheet HTML 5Page - Integrated Device Technology 87016I Datasheet HTML 6Page - Integrated Device Technology 87016I Datasheet HTML 7Page - Integrated Device Technology 87016I Datasheet HTML 8Page - Integrated Device Technology 87016I Datasheet HTML 9Page - Integrated Device Technology 87016I Datasheet HTML 10Page - Integrated Device Technology 87016I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Rev C 3/23/15
7
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATA SHEET
Table 5C. AC Characteristics, VDD = 3.3V ± 5%, VDDOx = 2.5V ± 5%, TA = -40°C to 85°C
All parameters measured at 250MHz unless noted otherwise.
NOTE 1A: Measured from the VDD/2 of the input to VDDOX/2 of the output.
NOTE 1B: Measured from the differential input crossing point to VDDOX/2 of the output.
NOTE 2: Defined as skew within a bank with equal load conditions.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDOX/2.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using
the same type of input on each device, the output is measured at VDDOX/2.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Table 5D. AC Characteristics, VDD = 3.3V ± 5%, VDDOx = 1.8V ± 5%, TA = -40°C to 85°C
For NOTES, please see above, Table 5C.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation
Delay,
Low to High
CLK0;
NOTE 1A
2.9
3.5
4.0
ns
CLK1/CLK1;
NOTE 1B
3.0
3.5
4.0
ns
tsk(b)
Bank Skew; NOTE 2, 6
Measured on the Rising Edge
50
ps
tsk(o)
Output Skew; NOTE 3, 6
Measured on the Rising Edge
170
ps
tsk(pp)
Part-to-Part Skew; NOTE 4, 6
800
ps
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
700
ps
odc
Output Duty Cycle
ƒ< 175MHz
45
55
%
ƒ
 175MHz
40
60
%
tEN
Output Enable Time; NOTE 5
10
ns
tDIS
Output Disable Time; NOTE 5
10
ns
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation
Delay,
Low to High
CLK0;
NOTE 1A
3.0
3.9
4.7
ns
CLK1/CLK1;
NOTE 1B
3.0
3.9
4.7
ns
tsk(b)
Bank Skew; NOTE 2, 6
Measured on the Rising Edge
50
ps
tsk(o)
Output Skew; NOTE 3, 6
Measured on the Rising Edge
170
ps
tsk(pp)
Part-to-Part Skew; NOTE 4, 6
800
ps
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
700
ps
odc
Output Duty Cycle
ƒ< 175MHz
45
55
%
ƒ
 175MHz
40
60
%
tEN
Output Enable Time; NOTE 5
10
ns
tDIS
Output Disable Time; NOTE 5
10
ns


Similar Part No. - 87016I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87016I RENESAS-87016I Datasheet
898Kb / 16P
   Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
More results

Similar Description - 87016I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com