Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86004 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 86004
Description  Output frequency range
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

86004 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 86004 Datasheet HTML 5Page - Integrated Device Technology 86004 Datasheet HTML 6Page - Integrated Device Technology 86004 Datasheet HTML 7Page - Integrated Device Technology 86004 Datasheet HTML 8Page - Integrated Device Technology 86004 Datasheet HTML 9Page - Integrated Device Technology 86004 Datasheet HTML 10Page - Integrated Device Technology 86004 Datasheet HTML 11Page - Integrated Device Technology 86004 Datasheet HTML 12Page - Integrated Device Technology 86004 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
REVISION B 7/10/15
86004 DATA SHEET
11
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
TABLE 7. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
86004BGLF
86004BGL
16 Lead “Lead-Free” TSSOP
Tube
0°C to 70°C
86004BGLFT
86004BGL
16 Lead “Lead-Free” TSSOP
Tape & Reel
0°C to 70°C
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.


Similar Part No. - 86004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
86004 RENESAS-86004 Datasheet
419Kb / 14P
   15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
   62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
   Bezel Adapter System
86004-3079 MOLEX-86004-3079 Datasheet
165Kb / 4P
   Bezel Adapter System
86004-3080 MOLEX-86004-3080 Datasheet
165Kb / 4P
   Bezel Adapter System
More results

Similar Description - 86004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com