Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH3401 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH3401
Description  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH3401 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH3401 Datasheet HTML 7Page - Texas Instruments LMH3401 Datasheet HTML 8Page - Texas Instruments LMH3401 Datasheet HTML 9Page - Texas Instruments LMH3401 Datasheet HTML 10Page - Texas Instruments LMH3401 Datasheet HTML 11Page - Texas Instruments LMH3401 Datasheet HTML 12Page - Texas Instruments LMH3401 Datasheet HTML 13Page - Texas Instruments LMH3401 Datasheet HTML 14Page - Texas Instruments LMH3401 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
±70
±60
±50
±40
±30
±20
±10
0
±50
0
50
100
Temperature (
ƒC)
HD2
HD3
C002
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
±2
±1
0
1
2
Output Common Mode Voltage (V)
HD2
HD3
C001
±80
±70
±60
±50
±40
±30
±20
±10
0
±50
0
50
100
Temperature (
ƒC)
HD2
HD3
C001
±120
±100
±80
±60
±40
±20
0
1
10
100
1000
Frequency (MHz)
HD2
HD3
C003
±120
±100
±80
±60
±40
±20
0
1
10
100
1000
Frequency (MHz)
HD2
HD3
C002
±100
±90
±80
±70
±60
±50
±40
±30
±20
10
100
1000
Frequency (MHz)
HD2
HD3
C001
LMH3401
www.ti.com
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TA = 25°C, split supplies, VCM = 0 V, RL = 200-Ω differential (ROUT = 40 Ω each), G = 16 dB, single-ended input and
differential output, and input and output pins referenced to midsupply, unless otherwise noted. Measured using an EVM as
discussed in the Parameter Measurement Information section (see Figure 49 to Figure 53).
VS = ±2.5 V, VOUT_AMP = 2 VPP
VS = ±2.5 V, VOUT_AMP = 2 VPP, RLOAD = 100 Ω
Figure 13. HD2 and HD3 (±2.5-V Supply)
Figure 14. HD2 and HD3 (±2.5-V Supply, 100-
Ω Load)
VS = ±2.5 V, VOUT_AMP = 2 VPP, f = 1 GHz
VS = ±1.65 V, VOUT_AMP = 1 VPP
Figure 15. HD2 and HD3 vs Temperature
Figure 16. HD2 and HD3 (3.3-V VS)
VS = ±2.5 V, f = 200 MHz, VOUT_AMP = 2 VPP
VS = ±1.65 V, VOUT_AMP = 1 VPP, f = 1 GHz
Figure 18. HD2 and HD3 vs Output Common-Mode Voltage
Figure 17. HD2 and HD3 vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH3401


Similar Part No. - LMH3401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI1-LMH3401 Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
LMH3401IRMSR TI1-LMH3401IRMSR Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
LMH3401IRMST TI1-LMH3401IRMST Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
LMH3401 TI1-LMH3401_16 Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Similar Description - LMH3401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI1-LMH3401_16 Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com