Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553S Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 553S
Description  Low additive phase jitter RMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

553S Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 553S Datasheet HTML 4Page - Integrated Device Technology 553S Datasheet HTML 5Page - Integrated Device Technology 553S Datasheet HTML 6Page - Integrated Device Technology 553S Datasheet HTML 7Page - Integrated Device Technology 553S Datasheet HTML 8Page - Integrated Device Technology 553S Datasheet HTML 9Page - Integrated Device Technology 553S Datasheet HTML 10Page - Integrated Device Technology 553S Datasheet HTML 11Page - Integrated Device Technology 553S Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
10
REVISION A 03/18/15
553S DATASHEET
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Ordering Information
“G” after the two-letter package code denotes Pb-Free configuration, RoHS compliant.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
553SDCGI
see page 7
Tubes
8-pin SOIC
-40 to +105
C
553SDCGI8
Tape and Reel
8-pin SOIC
-40 to +105
C
553SCMGI
Cut Tape
8-pin DFN
-40 to +105
C
553SCMGI8
Tape and Reel
8-pin DFN
-40 to +105
C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
a0
8
0
8


Similar Part No. - 553S

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
553 OSCILENT-553 Datasheet
132Kb / 2P
   PECL Output
logo
Dialight Corporation
553-0101F DIALIGHT-553-0101F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0102F DIALIGHT-553-0102F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0103F DIALIGHT-553-0103F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0107F DIALIGHT-553-0107F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
More results

Similar Description - 553S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
551S IDT-551S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
74FCT38075S IDT-74FCT38075S Datasheet
125Kb / 11P
   Extremely low RMS Additive Phase Jitter
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com