Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551S Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 551S
Description  Low additive phase jitter RMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

551S Datasheet(HTML) 4 Page - Integrated Device Technology

  551S Datasheet HTML 1Page - Integrated Device Technology 551S Datasheet HTML 2Page - Integrated Device Technology 551S Datasheet HTML 3Page - Integrated Device Technology 551S Datasheet HTML 4Page - Integrated Device Technology 551S Datasheet HTML 5Page - Integrated Device Technology 551S Datasheet HTML 6Page - Integrated Device Technology 551S Datasheet HTML 7Page - Integrated Device Technology 551S Datasheet HTML 8Page - Integrated Device Technology 551S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
4
REVISION A 03/18/15
551S DATASHEET
DC Electrical Characteristics
VDD=1.8 V ±5%
, Ambient temperature -40° to +105°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2.
VDD=2.5 V ±5%
, Ambient temperature -40° to +105°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2.
VDD=3.3 V ±5%
, Ambient temperature -40° to +105°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.71
1.89
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
1.89
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Input High Voltage, OE
VIH
0.7xVDD
VDD
V
Input Low Voltage, OE
VIL
0.3xVDD
V
Output High Voltage
VOH
IOH = -10 mA
1.3
V
Output Low Voltage
VOL
IOL = 10 mA
0.35
V
Operating Supply Current
IDD
No load, 135 MHz
13
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
OE pin
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
2.625
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Input High Voltage, OE
VIH
0.7xVDD
VDD
V
Input Low Voltage, OE
VIL
0.3xVDD
V
Output High Voltage
VOH
IOH = -16 mA
1.8
V
Output Low Voltage
VOL
IOL = 16 mA
0.5
V
Operating Supply Current
IDD
No load, 135 MHz
18
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
OE pin
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
3.465
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Input High Voltage, OE
VIH
0.7xVDD
VDD
V
Input Low Voltage, OE
VIL
0.3xVDD
V
Output High Voltage
VOH
IOH = -25 mA
2.2
V
Output Low Voltage
VOL
IOL = 25 mA
0.7
V
Operating Supply Current
IDD
No load, 135 MHz
22
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
OE pin
5
pF


Similar Part No. - 551S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
551S IDT-551S Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
551SCMGI IDT-551SCMGI Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
551SCMGI8 IDT-551SCMGI8 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
551SDCGI IDT-551SDCGI Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
551SDCGI8 IDT-551SDCGI8 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
More results

Similar Description - 551S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
553S IDT-553S Datasheet
223Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
74FCT38075S IDT-74FCT38075S Datasheet
125Kb / 11P
   Extremely low RMS Additive Phase Jitter
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com