Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFY9130C Datasheet(PDF) 1 Page - International Rectifier

Part # IRFY9130C
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY9130C Datasheet(HTML) 1 Page - International Rectifier

  IRFY9130C Datasheet HTML 1Page - International Rectifier IRFY9130C Datasheet HTML 2Page - International Rectifier IRFY9130C Datasheet HTML 3Page - International Rectifier IRFY9130C Datasheet HTML 4Page - International Rectifier IRFY9130C Datasheet HTML 5Page - International Rectifier IRFY9130C Datasheet HTML 6Page - International Rectifier IRFY9130C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-11.2
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-7.1
IDM
Pulsed Drain Current
À
-44
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
400
mJ
IAR
Avalanche Current
À
-11.2
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300(0.063in./1.6mm from case for 10 sec)
Weight
4.3 (Typical)
g
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state
resistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advantages
of MOSFETs, such as voltage control, very fast switching,
ease of paralleling and electrical parameter temperature stability.
They are well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio amplifiers,
high energy pulse circuits, and virtually any application where
high reliability is required. The
HEXFET transistor’s totally
isolated package eliminates the need for additional isolating
material between the device and the heatsink. This improves
thermal efficiency and reduces drain capacitance.
°C
A
POWER MOSFET
THRU-HOLE (TO-257AA)
02/09/10
www.irf.com
1
100V, P-CHANNEL
HEXFET
® MOSFET TECHNOLOGY
TO-257AA
Product Summary
Part Number RDS(on)
ID
Eyelets
IRFY9130C
0.3
-11.2A
Ceramic
IRFY9130CM
0.3
-11.2A
Ceramic
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
n Ideally Suited For Space Level
Applications
For footnotes, refer to the last page
IRFY9130C, IRFY9130CM
PD-91293C


Similar Part No. - IRFY9130C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9130C IRF-IRFY9130C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
logo
Seme LAB
IRFY9130C SEME-LAB-IRFY9130C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9130CM IRF-IRFY9130CM Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
More results

Similar Description - IRFY9130C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com