Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3150E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3150E
Description  304 MHz SAW Resonat
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3150E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3150E_15 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3150E_15 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RO3150E_15 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RFM products are now
Murata products.
©2010-2015 by Murata Electronics N.A., Inc.
RO3150E (R) 2/5/15
Page 1 of 3
www.murata.com
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency, +25 °C
Nominal Frequency
fC
2, 3, 4, 5
303.925
304.000
304.075
MHz
Tolerance from 304.000 MHz
ΔfC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.35
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
14,590
50
Ω Loaded Q
QL
2,100
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7,
9,
16
Ω
Motional Inductance
LM
125
µH
Motional Capacitance
CM
2.1
fF
Transducer Static Capacitance
CO
5, 6, 9
3.8
pF
Test Fixture Shunt Inductance
LTEST
2, 7
TBD
nH
Lid Symbolization
977 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
• Designed for Low Power 304 MHz Transmitters
• Very Low Series Resistance
• Quartz Frequency Stability
• Miniature 3.0 x 3.0 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3104E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode quartz frequency stabilization of fixed-frequency transmitters operating
at 304 MHz. This SAW is designed specifically for transmitters used in wireless security and remote control
applications.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
0
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
5
VDC
Case Temperature
-40 to +85
°C
Maximum Soldering Profile Temperature (10 s, 5 cycles maximum)
+260
°C
304 MHz
SAW Resonator
RO3150E
SM3030-6 Case
Pb


Similar Part No. - RO3150E_15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3150E MURATA-RO3150E Datasheet
710Kb / 2P
   304.0 MHz SAW Resonator
More results

Similar Description - RO3150E_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0540A TAI-SAW-TC0540A Datasheet
387Kb / 6P
   SAW Resonator 304 MHz
logo
API Technologies Corp
079890-514 APITECH-079890-514 Datasheet
838Kb / 3P
   304 MHz SAW Bandpass Filter with 4 MHz bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
GardTec, Inc.
SC130-W1SS GARDTEC-SC130-W1SS Datasheet
357Kb / 1P
   304 Stainless Steel
logo
Schneider Electric
XGHB123345 SCHNEIDER-XGHB123345 Datasheet
84Kb / 4P
   RFID electronic tag - 13.56 MHz - cylindrical 횠 12 - 304 Bytes
logo
LEDTRONICS, INC
PLT-1003-304 LEDTRONICS-PLT-1003-304 Datasheet
486Kb / 2P
   PLT-1003-304
logo
TAI-SAW TECHNOLOGY CO.,...
TA139E1 TAI-SAW-TA139E1 Datasheet
221Kb / 4P
   SAW Filter139 MHz
TA147E1 TAI-SAW-TA147E1 Datasheet
217Kb / 4P
   SAW Filter147 MHz
logo
GardTec, Inc.
SC40-W2SS GARDTEC-SC40-W2SS Datasheet
344Kb / 1P
   304 Stainless Steel
SC1000-W1SS GARDTEC-SC1000-W1SS Datasheet
176Kb / 1P
   Stainless Steel 304
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com