Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3001A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT82V3001A
Description  Fast Lock mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3001A Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT82V3001A Datasheet HTML 1Page - Integrated Device Technology IDT82V3001A Datasheet HTML 2Page - Integrated Device Technology IDT82V3001A Datasheet HTML 3Page - Integrated Device Technology IDT82V3001A Datasheet HTML 4Page - Integrated Device Technology IDT82V3001A Datasheet HTML 5Page - Integrated Device Technology IDT82V3001A Datasheet HTML 6Page - Integrated Device Technology IDT82V3001A Datasheet HTML 7Page - Integrated Device Technology IDT82V3001A Datasheet HTML 8Page - Integrated Device Technology IDT82V3001A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
List of Tables
5
November 14, 2012
LIST OF TABLES
Table - 1
Pin Description ..................................................................................................................................................7
Table - 2
Operating Modes and Status...........................................................................................................................10
Table - 3
Input Reference Frequency Selection .............................................................................................................12
Table - 4
Absolute Maximum Ratings**..........................................................................................................................19
Table - 5
Recommended DC Operating Conditions** ....................................................................................................19
Table - 6
DC Electrical Characteristics** ........................................................................................................................19
Table - 7
Performance....................................................................................................................................................20
Table - 8
Intrinsic Jitter Unfiltered...................................................................................................................................20
Table - 9
C1.5o (1.544 MHz) Intrinsic Jitter Filtered.......................................................................................................21
Table - 10 C2o (2.048 MHz) Intrinsic Jitter Filtered..........................................................................................................21
Table - 11 8 kHz Input to 8 kHz Output Jitter Transfer .....................................................................................................21
Table - 12 1.544 MHz Input to 1.544 MHz Output Jitter Transfer.....................................................................................21
Table - 13 2.048 MHz Input to 2.048 MHz Output Jitter Transfer.....................................................................................22
Table - 14 8 kHz Input Jitter Tolerance ............................................................................................................................22
Table - 15 1.544 MHz Input Jitter Tolerance ....................................................................................................................22
Table - 16 2.048 MHz Input Jitter Tolerance ....................................................................................................................23
Table - 17 Timing Parameter Measurement Voltage Levels ............................................................................................24
Table - 18 Input / Output Timing.......................................................................................................................................24


Similar Part No. - IDT82V3001A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
IDT82V3001APVG RENESAS-IDT82V3001APVG Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
More results

Similar Description - IDT82V3001A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N287 ICST-8T49N287 Datasheet
1Mb / 75P
   Optional Fast Lock function
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
   FAST PAGE MODE
REV. 10
AS4C4067 AUSTIN-AS4C4067 Datasheet
3Mb / 10P
   FAST PAGE MODE
REV. 10
logo
OmniVision Technologies...
OV9718 OMNIVISION-OV9718 Datasheet
1,010Kb / 2P
   fast mode switching
logo
Austin Semiconductor
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
   FAST PAGE MODE
REV. 10
logo
Maxim Integrated Produc...
MAX2880 MAXIM-MAX2880 Datasheet
691Kb / 20P
   Cycle Slip Reduction and Fast Lock
Rev 1; 11/15
logo
HARTING Technology Grou...
09-08-000-7222 HARTING-09-08-000-7222 Datasheet
439Kb / 2P
   Han Fast-Lock 1,5-2,5qmm ang.silverplate
09-08-000-7224 HARTING-09-08-000-7224 Datasheet
439Kb / 2P
   Han Fast-Lock 10qmm ang.silverplate.pin
09-08-000-7124 HARTING-09-08-000-7124 Datasheet
439Kb / 2P
   Han-Fast Lock 10mm짼 m.Pin, Ag
logo
List of Unclassifed Man...
HY514400B ETC1-HY514400B Datasheet
100Kb / 8P
   1Mx4, Fast Page mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com