Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWDM Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # LWDM
Description  Oplink?셲 Green LAN (Local Area Network) Wavelength Division Multiplexer is designed to meet industrial stringent size and loss requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LWDM Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  LWDM Datasheet HTML 1Page - OPLINK Communications Inc. LWDM Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN-WDM
LWDM Series
S0465 - R01. (web) 20150615
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
* The tolerance of fiber length is +/-0.1m (for connector option only, without connector, just keep the length as minimum). 1 meter is standard. The
lead-time for special fiber length will be longer.
** For other special Fiber Jacket/connector, please contact Oplink’s sales department for further information
Note : port assignment will vary due to different configuration, please contact Oplink’s sales department for further information.
LWDM
1
0
0
0
1
S
4
Channels
Product Type
Grade Type
Central Wavelength
Fiber Jacket **
Fiber Length *
Mux = M
Demux = D
Premium = P
Standard = S
S001=1295.56/ 1300.05/ 1304.58/ 1309.14
250 μm bare fiber = 1
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
Connector
Type **
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B


Similar Part No. - LWDM

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
LWD-1205E POWER-SYSTEMS-LWD-1205E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1205T POWER-SYSTEMS-LWD-1205T Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1209E POWER-SYSTEMS-LWD-1209E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1212E POWER-SYSTEMS-LWD-1212E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1212T POWER-SYSTEMS-LWD-1212T Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - LWDM

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HFD7000-212 HONEYWELL-HFD7000-212 Datasheet
366Kb / 4P
   Designed to meet industrial LAN (Local Area Network) specificatons
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
   Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
   Designed to meet IEEE802.3u requirement
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com