Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U54P-W-1200-12-HC3PC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # D1U54P-W-1200-12-HC3PC
Description  54mm 1U Front End AC-DC Power Supply Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U54P-W-1200-12-HC3PC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  D1U54P-W-1200-12-HC3PC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. D1U54P-W-1200-12-HC3PC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
D1U54P-W-1200-12-HxxPC Series
54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HxxPC.A09 Page 6 of 8
www.murata-ps.com/support
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
E1
E2
E3
E4
E5
123456789
10
D1
D2
D3
D4
D5
C1
C2
C3
C4
C5
B1
B2
B3
B4
B5
A1
A2
A3
A4
A5
PIN ASSIGNMENTS - D1U54P-W-1200-12-HxxPC
Tyco PN 1926734-2 (Power Supply)
Pin
Signal Name
Comments
6, 7, 8, 9, 10
V1
+ 12V main output
1, 2, 3, 4, 5
PGND
+ 12V main output return
A1
VSB
Standby output
B1
VSB
Standby output
C1
VSB
Standby output
D1
VSB
Standby output
E1
VSB
Standby output
A2
VSB_return
Standby return
B2
VSB_return
Standby return
C2
unused
D2
unused
E2
unused
A3
APS
I2C address and protocol selection,
(select by a pull down resistor)
B3
unused
C3
SDA
I2C data signal line
D3
V1_SENSE_R
- Remote Sense return
E3
V1_SENSE
+ Remote Sense
A4
SCL
I2C clock signal line
B4
PS_ON
Remote On/Off
C4
SMB_ALERT
I2C alert signal
D4
unused
E4
ACOK
AC input OK
A5
PSKILL
Power supply kill, short pin
B5
ISHARE
Current share bus, short pin
C5
PWOK
Power OK, short pin
D5
unused
E5
PRESENT_L
Power supply present, short pin
MATING CONNECTOR
Part Number
Description
Tyco Electronics 2-1926739-5
Right Angle


Similar Part No. - D1U54P-W-1200-12-HC3PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HC3PC MURATA-PS-D1U54P-W-1200-12-HC3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HC3PC MURATA-PS-D1U54P-W-1200-12-HC3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HC3PC MURATA-PS-D1U54P-W-1200-12-HC3PC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
2020
More results

Similar Description - D1U54P-W-1200-12-HC3PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com