Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT801 Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
35
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
4.8.3.6 Pin Status at Different Power States
The FT801 pin status depends on the power state of the chip. See the following table
for more details. At power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all
pins retain their previous status. The software needs to set AUDIO_L, BACKLIGHT and
PCLK to a known state before issuing power transition commands.
Table 4-16 Pin Status
Pin Name
Reset State
(VCC / VCCIO
ON)
Reset State
(VCC / VCCIO ON) Default
Output Drive Strength
Active/Standb
y/Sleep state
(VCC / VCCIO
ON)
Powerdown
state (VCC ON /
VCC1.2 OFF)
Hybrid Mode
(VCC OFF /
VCCIO ON)
AUDIO_L
Tristate Output
(hi-Z)
16mA
Output
Retain previous
state
SPI_SCLK/
I2C_SCL
Input (floating)
Input
Input (floating)
MISO/I2C
_SDA
Tristate Output
(hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MOSI/I2C
_SA0
Input (floating)
Input
Input (floating)
CS_N/I2C
_SA1
Input (floating)
Input
Input (floating)
GPIO0/I2C
_SA2
Input (floating)
Input/Output
Tristate Output
(hi-Z)
GPIO1
Tristate Output
(hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MODE
Input
Input
Input (floating)
INT_N
Open Drain
Output (hi-Z)
4mA
Open Drain
Output
Tristate Output
(hi-Z)
PD_N
Input
Input
Input (floating)
X1/CLK
Input (floating)
Crystal
Oscillator
Input CLK
Input
Note: If
applicable,
external clock on
X1/CLK pin
should be
removed
X2
Output (hi-Z)
Crystal
Oscillator
Output


Similar Part No. - FT801

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT801

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Toshiba Semiconductor
TC9155AP TOSHIBA-TC9155AP Datasheet
464Kb / 15P
   The TC9155/56AP is an optimum C2MOS IC which has been designed for electronization of tone control of audio equipment with the following features
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
PHOENIX CONTACT
2701813 PHOENIX-2701813 Datasheet
144Kb / 6P
   The module is designed for use within an Axioline F station. It is used to output digital signals.
logo
Future Technology Devic...
FT221X FTDI-FT221X Datasheet
984Kb / 45P
   The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com