Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U4CS-D-2100-52-HA3DC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # D1U4CS-D-2100-52-HA3DC
Description  D1U4CS-D-2100-54-HA3DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U4CS-D-2100-52-HA3DC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  D1U4CS-D-2100-52-HA3DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U4CS-D-2100-52-HA3DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U4CS-D-2100-52-HA3DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U4CS-D-2100-52-HA3DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U4CS-D-2100-52-HA3DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D1U4CS-D-2100-5x-HA3DC
DC-DC Front End Power Supply
CPS_D1U4CS-D-2100-5x-HA3DC.A04 Page 3 of 5
www.murata-ps.com/support
STATUS INDICATOR AND CONTROL SIGNALS
Status
Conditions
Description
Input OK LED
Green
DC input present and within range
Blinking at 1Hz
DC input present and outside range
Off
DC input not present
Output OK LED
Green
Outputs are present and within regulation
Blinking at 1Hz
Power limit or overcurrent condition
Fault LED
Red
Fault condition present
Off
No fault condition detected
See also ACAN36 for additional LED operation details.
FAN MONITORING
Status
Conditions
Description
Fan monitoring is available through the I2C interface
Both fans running normally
PMBus CMD E5 Byte 2 bit 3
One fan failed (or rotor locked)
PMBus CMD E5 Byte 2 bit 3
Both fans failed (or rotors locked)
PMBus CMD E5 Byte 2 bit 3
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class A, 6dB margin
Radiated Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class A, 6dB margin
ESD Immunity
IEC/EN 61000-4-2
8kV contact discharge
15kV operational air discharge
Radiated Field Immunity
IEC/EN 61000-4-3
10 V/m, Performance Criteria A
Electrical Fast Transients/Burst Immunity
IEC/EN 61000-4-4
2kV, Performance Criteria A
Surge Immunity
IEC/EN 61000-4-5
1kV/1kV, Performance Criteria A
RF Conducted Immunity
IEC/EN 61000-4-6
10Vrms, 80% AM, 1kHz, Performance Criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
30 A/m
Ring Wave
IEC/EN 61000-4-12
1kV, Performance Criteria A


Similar Part No. - D1U4CS-D-2100-52-HA3DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U4CS-D-2100-52-HA3DC MURATA-PS-D1U4CS-D-2100-52-HA3DC Datasheet
245Kb / 5P
   DC-DC Front End Power Supply
2012
More results

Similar Description - D1U4CS-D-2100-52-HA3DC

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
   ASS 2100 HS
V6534E1-T ASSMANN-V6534E1-T Datasheet
40Kb / 1P
   ASS 2100 HS
V6534B-T ASSMANN-V6534B-T Datasheet
40Kb / 1P
   ASS 2100 HS
logo
List of Unclassifed Man...
44311 ETC2-44311 Datasheet
131Kb / 1P
   TRANSFORMATEURS E1 54
logo
Mallory Sonalert Produc...
MSE14LWH2 MSPI-MSE14LWH2 Datasheet
43Kb / 1P
   2100-5800 Hz Typical
logo
KR Electronics, Inc.
3028 KR-3028 Datasheet
38Kb / 2P
   54 MHz Highpass
logo
Infineon Technologies A...
BGA736L16 INFINEON-BGA736L16 Datasheet
1Mb / 45P
   Tri-Band HSDPA LNA (2100, 1900/2100, 800/900 MHz)
V2.1, July 2008
logo
Rohm
SPR-54 ROHM-SPR-54_11 Datasheet
1Mb / 4P
   SPR-54 Series
logo
Mallory Sonalert Produc...
MSE28MWH2 MSPI-MSE28MWH2 Datasheet
43Kb / 1P
   2100-5800 Hz Typical
MSE14LWH1S MSPI-MSE14LWH1S Datasheet
48Kb / 1P
   2100-5800 Hz Typical
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com