Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232BL_BQ Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT232BL_BQ Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
2
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
1 Typical Applications
USB to RS232/RS422/RS485 Converters
Upgrading Legacy Peripherals to USB
Cellular and Cordless Phone USB data transfer
cables and interfaces
Interfacing MCU/PLD/FPGA based designs to
USB
USB Audio and Low Bandwidth Video data
transfer
PDA to USB data transfer
USB Industrial Control
USB MP3 Player Interface
Set Top Box PC - USB interface
USB Hardware Modems
USB Wireless Modems
USB Bar Code Readers
USB Smart Card Readers
USB Instrumentation
1.1 Driver Support
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 98, 98SE, ME, 2000, Server 2003, XP
and Server 2008
Windows 7 32, 64-bit
Windows XP and XP 64-bit
Windows Vista and Vista 64-bit
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
Mac OS 8/9, OS-X
Linux 2.4 and greater
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 98, 98SE, ME, 2000, Server 2003, XP
and Server 2008
Windows 7 32, 64-bit
Windows XP and XP 64-bit
Windows Vista and Vista 64-bit
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
Linux 2.4 and greater
The drivers listed above are all available to download for free from FTDI website (www.ftdichip.com).
Various 3rd party drivers are also available for other operating systems - see FTDI website
(www.ftdichip.com) for details.
For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm
1.2 Part Numbers
Part Number
Package
FT232BQ-XXYY
32 Pin QFN
FT232BL- XXYY
32 Pin LQFP
Table 1.1 Part Numbers
Note: Packing codes for xxxx is:
- Reel: Taped and Reel, (LQFP is 1,000pcs per reel, QFN is 2,500pcs per reel).
- Tray: Tray packing, 250pcs per tray (LQFP only)


Similar Part No. - FT232BL_BQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232BL-XXYY FTDI-FT232BL-XXYY Datasheet
1Mb / 34P
   USB UART IC
FT232BL-XXYY FTDI-FT232BL-XXYY Datasheet
1Mb / 34P
   USB UART IC
More results

Similar Description - FT232BL_BQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT221X FTDI-FT221X Datasheet
984Kb / 45P
   The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT600 FTDI-FT600 Datasheet
1Mb / 29P
   The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
   The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com