Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFN240 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFN240
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN240 Datasheet(HTML) 2 Page - International Rectifier

  IRFN240_15 Datasheet HTML 1Page - International Rectifier IRFN240_15 Datasheet HTML 2Page - International Rectifier IRFN240_15 Datasheet HTML 3Page - International Rectifier IRFN240_15 Datasheet HTML 4Page - International Rectifier IRFN240_15 Datasheet HTML 5Page - International Rectifier IRFN240_15 Datasheet HTML 6Page - International Rectifier IRFN240_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFN240
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.29
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.18
VGS = 10V, ID = 11A
Resistance
0.25
VGS = 10V, ID = 18A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.1
S ( )VDS > 15V, IDS = 11A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS= 160V ,VGS=0V
250
VDS = 160V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
60
VGS =10V, ID = 18A
Qgs
Gate-to-Source Charge
10.6
nC
VDS = 100V
Qgd
Gate-to-Drain (‘Miller’) Charge
37.6
td(on)
Turn-On Delay Time
20
VDD = 100V, ID = 18A,
tr
Rise Time
105
VGS =10V, RG = 9.1Ω
td(off)
Turn-Off Delay Time
58
tf
Fall Time
67
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
1300
VGS = 0V, VDS = 25V
Coss
Output Capacitance
400
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
130
nA
nH
ns
µA
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.0
RthJ-PCB
Junction-to-PC board
4.0
Soldered to a copper-clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
18
ISM
Pulse Source Current (Body Diode) ➀
——
72
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 18A, VGS = 0V ➃
trr
Reverse Recovery Time
500
nS
Tj = 25°C, IF = 18A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
5.3
µC
VDD ≤ 30V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from the center of drain
pad to center of source pad.


Similar Part No. - IRFN240_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
More results

Similar Description - IRFN240_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com