Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8SLVD1208I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT8SLVD1208I
Description  Maximum input clock frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8SLVD1208I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT8SLVD1208I Datasheet HTML 6Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 7Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 8Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 9Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 10Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 11Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 12Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 13Page - Integrated Device Technology IDT8SLVD1208I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IDT8SLVD1208I Data Sheet
1:8, LVDS OUTPUT FANOUT BUFFER
IDT8SLVD1208NBGI REVISION A MAY 1, 2013
10
©2013 Integrated Device Technology, Inc.
Parameter Measurement Information
2.5V LVDS Output Load AC Test Circuit
Pulse Skew
Part-to-Part Skew
Differential Input Level
Output Skew
Output Rise/Fall Time
VDD
t
PLH
t
PHL
tsk(p)= |tPHL - tPLH|
PCLK[0:1]
nPCLK[0:1]
Qy
nQy
tsk(pp)
Par t 1
Par t 2
Qx
nQx
Qy
nQy
VDD
GND
nPCLK[0:1]
PCLK[0:1]
V
CMR
Cross Points
V
PP
tsk(o)
Qx
nQx
Qy
nQy
20%
80%
80%
20%
tR
t F
VOD
nQ[0:7]
Q[0:7]


Similar Part No. - IDT8SLVD1208I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
   1:8, LVDS Output Fanout Buffer
MAY 1, 2013
More results

Similar Description - IDT8SLVD1208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP2104 IDT-8SLVP2104 Datasheet
880Kb / 23P
   Maximum input clock frequency
8SLVP1204 IDT-8SLVP1204 Datasheet
486Kb / 25P
   Maximum input clock frequency
IDT8SLVP1104I IDT-IDT8SLVP1104I Datasheet
375Kb / 22P
   Maximum input clock frequency
IDT8SLVP1212I IDT-IDT8SLVP1212I Datasheet
881Kb / 25P
   Maximum input clock frequency
IDT8SLVP2102I IDT-IDT8SLVP2102I Datasheet
956Kb / 23P
   Maximum input clock frequency
IDT8P34S1204I IDT-IDT8P34S1204I Datasheet
344Kb / 19P
   Maximum input clock frequency
IDT8SLVP1102I IDT-IDT8SLVP1102I Datasheet
667Kb / 22P
   Maximum input clock frequency
ICS831742I IDT-ICS831742I Datasheet
517Kb / 18P
   Maximum input/output clock frequency
logo
Unisonic Technologies
U8C3525G-S16-R UTC-U8C3525G-S16-R Datasheet
183Kb / 6P
   Maximum clock frequency
logo
Integrated Device Techn...
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
   Maximum input/output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com