Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8P34S1204I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT8P34S1204I
Description  Maximum input clock frequency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1204I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT8P34S1204I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 9Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 10Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 11Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 12Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 13Page - Integrated Device Technology IDT8P34S1204I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IDT8P34S1204NLGI REVISION A FEBRUARY 27, 2014
10
©2014 Integrated Device Technology, Inc.
IDT8P34S1204I Data Sheet
1:4 LVDS Output 1.8V Fanout Buffer
Applications Information
Wiring the Differential Input to Accept Single-Ended Levels
Figure 1 shows how a differential input can be wired to accept single
ended levels. The reference voltage V1= VDD/2 is generated by the
bias resistors R1 and R2. The bypass capacitor (C1) is used to help
filter noise on the DC bias. This bias circuit should be located as close
to the input pin as possible. The ratio of R1 and R2 might need to be
adjusted to position the V1in the center of the input voltage swing. For
example, if the input clock swing is 1.8V and VDD = 1.8V, R1 and R2
value should be adjusted to set V1 at 0.9V. The values below are for
when both the single ended swing and VDD are at the same voltage.
This configuration requires that the sum of the output impedance of
the driver (Ro) and the series resistance (Rs) equals the transmission
line impedance. In addition, matched termination at the input will
attenuate the signal in half. This can be done in one of two ways.
First, R3 and R4 in parallel should equal the transmission line
impedance. For most 50
 applications, R3 and R4 can be 100. The
values of the resistors can be increased to reduce the loading for
slower and weaker LVCMOS driver. When using single-ended
signaling, the noise rejection benefits of differential signaling are
reduced. Even though the differential input can handle full rail
LVCMOS signaling, it is recommended that the amplitude be
reduced. The datasheet specifies a lower differential amplitude,
however this only applies to differential signals. For single-ended
applications, the swing can be larger, however VIL cannot be less
than -0.3V and VIH cannot be more than VDD + 0.3V. Though some
of the recommended components might not be used, the pads
should be placed in the layout. They can be utilized for debugging
purposes. The datasheet specifications are characterized and
guaranteed by using a differential signal.
Figure 1. Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels
Recommendations for Unused Input and Output Pins
Inputs:
CLK/nCLK Inputs
For applications not requiring the use of a differential input, both the
CLK and nCLK pins can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
Outputs:
LVDS Outputs
Unused LVDS outputs must either have a 100
 differential
termination or have a 100
 pull-up resistor to VDD in order to ensure
proper device operation


Similar Part No. - IDT8P34S1204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
   Eight low skew, low additive jitter LVDS output pairs
More results

Similar Description - IDT8P34S1204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1208I IDT-IDT8SLVD1208I Datasheet
374Kb / 20P
   Maximum input clock frequency
8SLVP2104 IDT-8SLVP2104 Datasheet
880Kb / 23P
   Maximum input clock frequency
8SLVP1204 IDT-8SLVP1204 Datasheet
486Kb / 25P
   Maximum input clock frequency
IDT8SLVP1104I IDT-IDT8SLVP1104I Datasheet
375Kb / 22P
   Maximum input clock frequency
IDT8SLVP1212I IDT-IDT8SLVP1212I Datasheet
881Kb / 25P
   Maximum input clock frequency
IDT8SLVP2102I IDT-IDT8SLVP2102I Datasheet
956Kb / 23P
   Maximum input clock frequency
IDT8SLVP1102I IDT-IDT8SLVP1102I Datasheet
667Kb / 22P
   Maximum input clock frequency
ICS831742I IDT-ICS831742I Datasheet
517Kb / 18P
   Maximum input/output clock frequency
logo
Unisonic Technologies
U8C3525G-S16-R UTC-U8C3525G-S16-R Datasheet
183Kb / 6P
   Maximum clock frequency
logo
Integrated Device Techn...
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
   Maximum input/output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com