Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853S006I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS853S006I
Description  One differential PCLK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S006I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS853S006I Datasheet HTML 1Page - Integrated Device Technology ICS853S006I Datasheet HTML 2Page - Integrated Device Technology ICS853S006I Datasheet HTML 3Page - Integrated Device Technology ICS853S006I Datasheet HTML 4Page - Integrated Device Technology ICS853S006I Datasheet HTML 5Page - Integrated Device Technology ICS853S006I Datasheet HTML 6Page - Integrated Device Technology ICS853S006I Datasheet HTML 7Page - Integrated Device Technology ICS853S006I Datasheet HTML 8Page - Integrated Device Technology ICS853S006I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS853S006AGI REVISION A NOVEMBER 15, 2011
1
©2011 Integrated Device Technology, Inc.
DATA SHEET
Low Skew, 1-to-6, Differential-to-
2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853S006I
General Description
The ICS853S006I is a low skew, high performance 1-to-6
Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer. The
ICS853S006I is characterized to operate from either a 2.5V or a
3.3V power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853S006I ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
Six differential 2.5V, 3.3V LVPECL/ECL outputs
One differential PCLK, nPCLK input pair
PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML
Maximum output frequency: 2GHz
Output skew: 50ps (max)
Part-to-part skew: 230ps (max)
Propagation delay: 550ps (max)
LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
ECL mode operating voltage supply range:
VCC = 0V, VEE = -2.375V to -3.465V
-40°C to 85°C ambient operating temperature
Available lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PCLK
VCC
Q2
nQ2
Q1
nQ1
Q0
nQ0
VCC
nPCLK
VCC
Q5
nQ5
Q4
nQ4
Q3
nQ3
VCC
VEE
VBB
Q0
nQ0
Q1
nQ1
PCLK
nPCLK
Pulldown
Pullup/Pulldown
VBB
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
ICS853S006I
20-Lead TSSOP
6.5mm x 4.4mm x 0.92
mm package body
G Package
Top View
Pin Assignment
Block Diagram


Similar Part No. - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S006I RENESAS-ICS853S006I Datasheet
709Kb / 20P
   Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
More results

Similar Description - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com