Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8S89832I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8S89832I
Description  Four differential LVDS output pairs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8S89832I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8S89832I Datasheet HTML 7Page - Integrated Device Technology ICS8S89832I Datasheet HTML 8Page - Integrated Device Technology ICS8S89832I Datasheet HTML 9Page - Integrated Device Technology ICS8S89832I Datasheet HTML 10Page - Integrated Device Technology ICS8S89832I Datasheet HTML 11Page - Integrated Device Technology ICS8S89832I Datasheet HTML 12Page - Integrated Device Technology ICS8S89832I Datasheet HTML 13Page - Integrated Device Technology ICS8S89832I Datasheet HTML 14Page - Integrated Device Technology ICS8S89832I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ICS8S89832I Data Sheet
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS8S89832AKI REVISION A JANUARY 11, 2010
11
©2010 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8S89832I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8S89832I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 2.5V + 5% = 2.625V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = V
DD_MAX * IDD_MAX = 2.625V * 95mA = 249.375mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 74.7°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.249W * 74.7°C/W = 103.6°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance θJA for 16 Lead VFQFN Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
74.7°C/W
65.3°C/W
58.5°C/W


Similar Part No. - ICS8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
More results

Similar Description - ICS8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V34S204 IDT-8V34S204 Datasheet
728Kb / 22P
   Four differential LVDS output pairs
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
   Four differential LVDS output pairs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
   Eight differential LVDS output pairs
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
   Eight differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com