Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFG9110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFG9110
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFG9110 Datasheet(HTML) 1 Page - International Rectifier

  IRFG9110_15 Datasheet HTML 1Page - International Rectifier IRFG9110_15 Datasheet HTML 2Page - International Rectifier IRFG9110_15 Datasheet HTML 3Page - International Rectifier IRFG9110_15 Datasheet HTML 4Page - International Rectifier IRFG9110_15 Datasheet HTML 5Page - International Rectifier IRFG9110_15 Datasheet HTML 6Page - International Rectifier IRFG9110_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-0.75
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-0.5
IDM
Pulsed Drain Current ➀
-3.0
PD @ TC = 25°C
Max. Power Dissipation
1.4
W
Linear Derating Factor
0.011
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
75
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
1.3 (typical)
g
PD - 90397G
oC
A
04/16/02
www.irf.com
1
MO-036AB
Product Summary
Part Number
RDS(on)
ID
IRFG9110
1.4
-0.75A
For footnotes refer to the last page
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state resis-
tance combined with high transconductance.
HEXFET tran-
sistors also feature all of the well-established advantages
of MOSFETs, such as voltage control, very fast switching,
ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required. The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Dynamic dv/dt Rating
n Light-weight
POWER MOSFET
THRU-HOLE (MO-036AB)
IRFG9110
JANTX2N7335
JANTXV2N7335
REF:MIL-PRF-19500/599
100V, QUAD P-CHANNEL
HEXFET
®
MOSFETTECHNOLOGY


Similar Part No. - IRFG9110_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG9110 IRF-IRFG9110 Datasheet
218Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
More results

Similar Description - IRFG9110_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com