Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4240 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4240
Description  Single/Dual/Quad, 1.8V/10μA, SOT23, Beyond-the-Rails Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4240 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS — TA = +25°C (continued)
(VCC = +1.8V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC / 2, RL = 100kΩ tied to VCC / 2, SHDN = VCC, TA = +25°C, unless
otherwise noted.) (Note 1)
Channel-to-Channel
Isolation (Note 6)
CHISO
80
dB
Specified at DC
Phase Margin
Φm
68
degrees
Gain Margin
Gm
18
dB
Slew Rate
SR
40
V/ms
SHDN Input Bias
Current (Note 2)
IIH, IIL
40
80
nA
SHDN = VCC = 5.5V or SHDN = VEE = 0
SHDN Logic Low
(Note 2)
VIL
0.3 x VCC
V
6
15
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
23
35
Specified as
VEE - VOL
Output Voltage
Swing Low
10
20
VOL
40
60
mV
VCC = 5.0V
RL = 10kΩ
RL = 100kΩ
RL = 100kΩ
VCC = 1.8V
RL = 10kΩ
8
20
40
65
Specified as
VCC - VOH
Output Voltage
Swing High
10
25
80
85
VOH
70
73
60
95
mV
VCC = 5.0V
RL = 10kΩ
2.5
mA
SHDN Logic High
(Note 2)
VIH
0.7 x VCC
V
(VEE + 0.2V) ≤ VOUT
(VCC - 0.2V)
Large-Signal
Voltage Gain
90
94
AVOL
82
85
dB
RL = 100kΩ
RL = 100kΩ
CONDITIONS
Sinking
VCC = 1.8V
RL = 10kΩ
VCC = 5.0V
RL = 10kΩ
RL = 100kΩ
RL = 100kΩ
RL = 10kΩ
VCC = 1.8V
Gain-Bandwidth
Product
GBW
90
kHz
Power-Supply
Rejection Ratio
PSRR
80
85
dB
MAX4241ESA
1.8V
≤ VCC ≤ 5.5V
78
82
MAX4240EUK/MAX424_EUA/
MAX4243EUB
80
85
MAX4242ESA/MAX4243ESD/
MAX4244ESD
Output Leakage
Current in Shutdown
(Notes 2, 5)
IOUT(SHDN)
20
50
nA
SHDN = VEE = 0, VCC = 5.5V
Output Short-Circuit
Current
IOUT(SC)
Sourcing
0.7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn