Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4240 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX4240
Description  Single/Dual/Quad, 1.8V/10μA, SOT23, Beyond-the-Rails Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4240 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS — TA = +25°C
(VCC = +1.8V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC / 2, RL = 100kΩ tied to VCC / 2, SHDN = VCC, TA = +25°C, unless
otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................6V
All Other Pins ...................................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration (to VCC or VEE)............Continuous
Continuous Power Dissipation (TA = +70°C)
5-pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
8-pin SO (derate 5.88mW/°C above +70°C).................471mW
10-pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
14-pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Bias Current
IB
±2
±6
nA
CONDITIONS
Input Offset Voltage
VOS
±0.20
±0.75
mV
MAX4241ESA
(VEE - 0.2V) ≤ VCM
(VCC + 0.2V)
±0.25
±1.40
MAX4240EUK/MAX424_EUA/
MAX4243EUB
±0.20
±0.88
MAX4242ESA/MAX4243ESD/
MAX4244ESD
Supply Current
per Amplifier
ICC
10
12
µA
VCC = 1.8V
SHDN = VCC
14
18
VCC = 5.0V
2.0
3.0
VCC = 5.0V
Shutdown Supply
Current (Note 2)
ICC(SHDN)
1.0
1.5
µA
VCC = 1.8V
SHDN = VEE
Supply-Voltage Range
VCC
1.8
5.5
V
Inferred from PSRR test
(Note 3)
(Note 3)
Input Offset Current
IOS
±0.5
±1.5
nA
VIN+ - VIN- < 1.0V
Differential Input
Resistance
RIN(DIFF)
45
M
VIN+ - VIN- > 2.5V
4.4
k
Inferred from the CMRR test
Input Common-Mode
Voltage Range
VCM
VEE - 0.2
VCC + 0.2
V
VCC = 1.8V
Common-Mode
Rejection Ratio
(Note 4)
CMRR
72
90
dB
MAX4241ESA
72
90
MAX4242ESA/MAX4243ESD/
MAX4244ESD
66
88
MAX4240EUK/MAX424_EUA/
MAX4243EUB
VCC = 5.0V
77
94
MAX4241ESA
77
94
MAX4242ESA/MAX4243ESD/
MAX4244ESD
72
90
MAX4240EUK/MAX424_EUA/
MAX4243EUB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn