Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4178 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4178
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4178 Datasheet HTML 1Page - Maxim Integrated Products MAX4178 Datasheet HTML 2Page - Maxim Integrated Products MAX4178 Datasheet HTML 3Page - Maxim Integrated Products MAX4178 Datasheet HTML 4Page - Maxim Integrated Products MAX4178 Datasheet HTML 5Page - Maxim Integrated Products MAX4178 Datasheet HTML 6Page - Maxim Integrated Products MAX4178 Datasheet HTML 7Page - Maxim Integrated Products MAX4178 Datasheet HTML 8Page - Maxim Integrated Products MAX4178 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MHz
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
Note 4: Minimum AC specifications are guaranteed by sample test on the MAX4_78ESA only.
Note 5: Tested with a 3.58MHz video test signal with an amplitude of 40IRE superimposed on a linear ramp (0 to 100IRE). An IRE is
a unit of video signal amplitude developed by the Institute of Radio Engineers. 140IRE = 1V in color systems.
240
330
230
310
CONDITIONS
VOUT = 2V step
ns
2
tR, tF
Rise/Fall Times
f = 10MHz
nV/
√Hz
5
en
Input Voltage Noise Density
f = 10MHz
pA/
√Hz
2
in
Input Current Noise Density
0.04
f = 3.58MHz
%
0.04
DG
Differential Gain
(Note 5)
f = 5MHz, VOUT = 2Vp-p
dBC
-81
SFDR
Spurious-Free Dynamic Range
36
fC = 10MHz,
VOUT = 2Vp-p
dBm
31
IP3
Third-Order Intercept
UNITS
MIN
TYP
MAX
PARAMETER
MAX4278
30
150
MAX4178
MAX4278
250
VOUT = 2Vp-p
MHz
250
FPBW
Full-Power Bandwidth
MAX4178
to 0.01%
10
VOUT = 2V step
ns
12
tS
Settling Time
to 0.1%
MAX4178
MAX4278
0.01
MAX4278
MAX4178
f = 3.58MHz
degrees
0.01
DP
Differential Phase
(Note 5)
-58
MAX4278
MAX4178
fC = 10MHz,
VOUT = 2Vp-p
dB
-59
THD
Total Harmonic Distortion
MAX4178
MAX4278
pF
1
CIN
Input Capacitance
MAX4178
MAX4278
-74
MAX4178
MAX4278
30
150
SYMBOL
800
1300
MAX4178
900
1600
MAX4278
V/µs
VOUT = ±2Vp-p
SR
Slew Rate
(Note 4)
MHz
VOUT
0.1Vp-p
BW
Small-Signal, -3dB Bandwidth
(Note 4)
MHz
VOUT
0.1Vp-p
BW(0.1dB)
Small-Signal, ±0.1dB Bandwidth
(Note 4)


Similar Part No. - MAX4178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX417 MAXIM-MAX417 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX417 MAXIM-MAX417 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX417 MAXIM-MAX417 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4172ESA MAXIM-MAX4172ESA Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
More results

Similar Description - MAX4178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com