Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4147 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX4147
Description  300MHz, Low-Power, High-Output-Current, Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4147 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4147 Datasheet HTML 1Page - Maxim Integrated Products MAX4147 Datasheet HTML 2Page - Maxim Integrated Products MAX4147 Datasheet HTML 3Page - Maxim Integrated Products MAX4147 Datasheet HTML 4Page - Maxim Integrated Products MAX4147 Datasheet HTML 5Page - Maxim Integrated Products MAX4147 Datasheet HTML 6Page - Maxim Integrated Products MAX4147 Datasheet HTML 7Page - Maxim Integrated Products MAX4147 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
300MHz, Low-Power,
High-Output-Current, Differential Line Driver
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 150Ω, TA = +25°C, unless otherwise noted.)
8.2
8.1
8.0
7.9
7.8
7.6
7.7
-75
-25
25
75
125
-50
0
50
100
DIFFERENTIAL OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
+16
-4
100k
1M
100M
10M
SMALL-SIGNAL GAIN
vs. FREQUENCY AND CAPACITIVE LOAD
0
FREQUENCY (Hz)
+4
+8
+12
-2
+2
+6
+10
+14
CL = 15pF
CL = 10pF
CL=5pF
-0.005
0.005
0.006
0.000
-0.010
-0.020
-0.01
0
100
0
100
DIFFERENTIAL GAIN
AND PHASE
0.01
0.00
IRE
IRE
0.03
0.04
0.02
AV = +2V/V
AV = +2V/V
______________________________________________________________Pin Description
NAME
FUNCTION
1, 7
VEE
Negative Power Supply. Connect to -5V.
2
IN+
Noninverting Input
PIN
3, 5
N.C.
No Connect. Not internally connected.
8, 14
VCC
Positive Power Supply
6
IN-
Inverting Input
4
SHDN
Logic Input for Shutdown Circuitry. A logic low enables the amplifier. A logic high disables the
amplifier. The amplifier outputs are high impedance in shutdown mode; thus the impedances seen at
OUT+ and OUT- are that of the feedback resistors and the protection circuitry (Figure 3).
OUT+
13
Noninverting Output
12
SENSE+
Sense Line for the Noninverting Output. Connect to OUT+, close to the pin.
11
GND
Ground
10
SENSE-
Sense Line for the Inverting Output. Connect to OUT-, close to the pin.
9
OUT-
Inverting Output


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn