Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4147 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX4147
Description  300MHz, Low-Power, High-Output-Current, Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4147 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4147 Datasheet HTML 1Page - Maxim Integrated Products MAX4147 Datasheet HTML 2Page - Maxim Integrated Products MAX4147 Datasheet HTML 3Page - Maxim Integrated Products MAX4147 Datasheet HTML 4Page - Maxim Integrated Products MAX4147 Datasheet HTML 5Page - Maxim Integrated Products MAX4147 Datasheet HTML 6Page - Maxim Integrated Products MAX4147 Datasheet HTML 7Page - Maxim Integrated Products MAX4147 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
300MHz, Low-Power,
High-Output-Current, Differential Line Driver
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 150Ω, TA = +25°C, unless otherwise noted.)
11
1
100k
1M
10M
100M
1G
SMALL-SIGNAL GAIN
vs. FREQUENCY
3
FREQUENCY (Hz)
5
7
9
10
2
4
6
8
AVCL = +2
11
1
100k
1M
100M
10M
1G
LARGE-SIGNAL GAIN
vs. FREQUENCY
3
FREQUENCY (Hz)
5
7
9
2
4
6
8
10
110
10
100k
1M
10M
100M
COMMON-MODE REJECTION
vs. FREQUENCY
30
FREQUENCY (Hz)
50
70
90
100
20
40
60
80
110
10
100k
1M
100M
10M
POWER-SUPPLY REJECTION
vs. FREQUENCY
30
FREQUENCY (Hz)
50
70
90
20
40
60
80
100
10,000
0.1
100k
1M
100M
10M
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
1
FREQUENCY (Hz)
10
100
1000
0.32
3.16
31.6
316.2
3162.3
TIME (10ns/div)
SMALL-SIGNAL
PULSE RESPONSE
IN
OUT
GND
GND
AVCL = +2
TIME (10ns/div)
LARGE-SIGNAL
PULSE RESPONSE
IN
OUT
GND
GND
AVCL = +2
0
5
10
15
20
25
30
35
0
50
100
150
250
200
ISOLATION RESISTANCE
vs. CAPACITATIVE LOAD
CAPACITATIVE LOAD (pF)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn