Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4147 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4147
Description  300MHz, Low-Power, High-Output-Current, Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4147 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4147 Datasheet HTML 1Page - Maxim Integrated Products MAX4147 Datasheet HTML 2Page - Maxim Integrated Products MAX4147 Datasheet HTML 3Page - Maxim Integrated Products MAX4147 Datasheet HTML 4Page - Maxim Integrated Products MAX4147 Datasheet HTML 5Page - Maxim Integrated Products MAX4147 Datasheet HTML 6Page - Maxim Integrated Products MAX4147 Datasheet HTML 7Page - Maxim Integrated Products MAX4147 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
300MHz, Low-Power,
High-Output-Current, Differential Line Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
300
VOUT = 2Vp-p
VOUT ≤ 0.1VRMS
MHz
250
BW(-3dB)
-3dB Bandwidth
f = 10MHz
70
70
VOUT ≤ 0.1VRMS
MHz
BW(0.1dB)
0.1dB Bandwidth
f = 3.58MHz, RL = 150Ω
0.008
Differential, -2V
≤ VOUT ≤ +2V
2000
fC = 5MHz, VOUT = 2Vp-p,
RL = 150Ω differential, Figure 2
dBc
-75
SFDR
Spurious-Free Dynamic Range
fC = 10kHz, VOUT = 4.0Vp-p, RL = 33Ω single-
ended, RS = 50Ω, Figure 1
-82
f = 3.58MHz, RL = 150Ω
0.03
ns
10
ts
Settling Time
1V
≤ VOUT ≤ +1V, RL = 150Ω,
AVCL = +2
30
MHz
dB
V/µs
%
degrees
SR
Slew Rate
DP
Differential Phase
DG
Differential Gain
CMR
Common-Mode Rejection
FPBW
Full-Power Bandwidth
to 0.1%
to 0.01%
AC SPECIFICATIONS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn