Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4144 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4144
Description  High-Speed, Low-Distortion, Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4144 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4144 Datasheet HTML 1Page - Maxim Integrated Products MAX4144 Datasheet HTML 2Page - Maxim Integrated Products MAX4144 Datasheet HTML 3Page - Maxim Integrated Products MAX4144 Datasheet HTML 4Page - Maxim Integrated Products MAX4144 Datasheet HTML 5Page - Maxim Integrated Products MAX4144 Datasheet HTML 6Page - Maxim Integrated Products MAX4144 Datasheet HTML 7Page - Maxim Integrated Products MAX4144 Datasheet HTML 8Page - Maxim Integrated Products MAX4144 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = 150Ω, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
30
70
-3dB Bandwidth
BW(-3dB)
180
MHz
130
110
180
Full-Power Bandwidth
FPBW
70
MHz
30
30
0.1dB Bandwidth
BW(0.1dB)
90
MHz
50
1.7
in
pA/
Hz
1000
Slew Rate
SR
600
V/µs
800
23
20
17
Settling Time to 0.1%
tS
36
ns
CONDITIONS
VOUT
0.1VRMS
VOUT
0.1VRMS
VOUT =
2Vp-p
f = 1MHz
-2V
≤ VOUT ≤ +2V
-2V
≤ VOUT
≤ +2V
MAX4144
MAX4145
MAX4146
MAX4145
MAX4144
MAX4144
MAX4145
MAX4146
MAX4146
to 0.1%
AV = 100V/V
AV = 10V/V
AV = 10V/V
AV = 100V/V
MAX4144
MAX4145
MAX4146
MAX4144
MAX4145
MAX4146
MAX4144
38
40
Enable Time from Shutdown
45
ns
Disable Time to Shutdown
40
µs
0.03
Differential Gain (Note 1)
DG
0.01
%
0.12
f = 3.58MHz
to 0.01%
MAX4145
MAX4145
MAX4146
MAX4146
MAX4144
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Output Current Drive
IOUT
80
100
mA
60
SHDN High Threshold
VIH
2
V
SHDN Low Threshold
VIL
0.8
V
SHDN Input Bias Current
ISHDN
75
150
µA
0.06
2
VOUT = ±1.7V
VSHDN ≤ 0.8V
VSHDN ≥ 2V
0°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ 0°C
AV = 2V/V
AV = 1V/V
AV = 2V/V
AV = 1V/V
AV = 2V/V
AV = 1V/V
AV = 10V/V
MAX4144
12
Input Voltage Noise Density
en
1.8 + (20/G)
nV/
√Hz
2.1 + (135/G)
f = 1MHz
MAX4145
MAX4146
70
Common-Mode Rejection
CMR
75
dB
90
f = 10MHz
MAX4144
MAX4145
MAX4146
Input Current Noise Density


Similar Part No. - MAX4144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144 Datasheet
366Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
MAX4144EEE MAXIM-MAX4144EEE Datasheet
366Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
MAX4144ESD MAXIM-MAX4144ESD Datasheet
366Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
MAX4144 MAXIM-MAX4144_09 Datasheet
366Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
More results

Similar Description - MAX4144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144_09 Datasheet
366Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com