Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4142 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX4142
Description  250MHz, Low-Power, High-Output-Current, Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4142 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4142 Datasheet HTML 1Page - Maxim Integrated Products MAX4142 Datasheet HTML 2Page - Maxim Integrated Products MAX4142 Datasheet HTML 3Page - Maxim Integrated Products MAX4142 Datasheet HTML 4Page - Maxim Integrated Products MAX4142 Datasheet HTML 5Page - Maxim Integrated Products MAX4142 Datasheet HTML 6Page - Maxim Integrated Products MAX4142 Datasheet HTML 7Page - Maxim Integrated Products MAX4142 Datasheet HTML 8Page - Maxim Integrated Products MAX4142 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
250MHz, Low-Power, High-Output-Current,
Differential Line Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, SHDN = 0, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values specified at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Voltage on Any Pin to Ground..........(VEE - 0.3V) to (VCC + 0.3V)
Input Current (IN_)............................................................±10mA
Short-Circuit Duration (VOUT to GND) ................................10sec
Continuous Power Dissipation (TA = +70°C)
Plastic SO (derate 8.3mW/°C above +70°C) ................667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Differential Input Voltage Range
-3.0
3.0
V
Guaranteed by output voltage swing test
SHDN Input Current
ISHDN
66
150
µA
VSHDN = 0
Output Resistance
ROUT
0.1
SHDN Logic-High Threshold
VIH
2.0
V
SHDN Logic-Low Threshold
VIL
0.8
V
Enable Time from Shutdown
tON
500
ns
Disable Time to Shutdown
tOFF
3.5
µs
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Offset Current
IOS
0.2
2.5
µA
Input Bias Current
IB
10
25
µA
Input Capacitance
CIN
1
pF
Differential Input Resistance
RIN
1
M
Input Offset Voltage
Operating Supply Voltage
±4.5
±5.5
V
VOS
0.4
8
mV
Input Offset Voltage Drift
TCVOS
3
µV/°C
Common-Mode Input Voltage Range
VCM
-1.7
1.7
V
Gain
AV
2
V/V
Gain Error
0.3
2
%
Gain Drift
20
ppm/°C
Common-Mode Rejection
CMR
55
80
dB
Power-Supply Rejection
PSR
65
95
dB
Quiescent Supply Current
ICC, IEE
12.5
18
mA
Shutdown Supply Current
ICC, SHDN
1.0
2.0
mA
3.0
3.4
6.0
6.8
2.0
2.4
Output Voltage Swing
VOUT
4.0
4.8
V
Output Current Drive
IOUT
120
75
mA
CONDITIONS
Guaranteed by CMR test
-1V
≤ VOUT ≤ 1V, RL = 53Ω
VIN = 0
VIN = 0
-1V
≤ VOUT ≤ 1V, RL = 53Ω
RL = 53Ω
VCM = ±1.7V
VS = ±4.5V to ±5.5V
VIN = 0
Guaranteed by PSR test
VSHDN ≥ 2V, VIN = 0
VIN = 0
Single-ended, RL = ∞
Differential, RL = ∞
VIN = 0
Single-ended, RL = 26.5Ω
Differential, RL = 53Ω
RL = 20Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn