Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC5425 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STC5425
Description  Line Card Clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 2Page - Connor-Winfield Corporation STC5425 Datasheet HTML 3Page - Connor-Winfield Corporation STC5425 Datasheet HTML 4Page - Connor-Winfield Corporation STC5425 Datasheet HTML 5Page - Connor-Winfield Corporation STC5425 Datasheet HTML 6Page - Connor-Winfield Corporation STC5425 Datasheet HTML 7Page - Connor-Winfield Corporation STC5425 Datasheet HTML 8Page - Connor-Winfield Corporation STC5425 Datasheet HTML 9Page - Connor-Winfield Corporation STC5425 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Page 6 of 48
TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
STC5425 Pin Description
All I/O is LVCMOS, except for CLK1 is LVPECL/LVDS. REF4 and REF5 are LVCMOS/LVPECL/LVDS.
Table 1: Pin Description
Pin Name
Pin #
I/O
Description
AVCC
4,14
3.3V analog power input
AGND
3,15
Analog ground
VCC
8, 9, 12,
22, 32,
36, 38,
39, 45,
46, 54,
57
3.3V digital power input
GND
1, 7, 10,
11, 21,
31, 40,
53, 58
Digital ground
TRST
37
I
JTAG boundary scan reset, active low
TCK
49
I
JTAG boundary scan clock
TMS
41
I
JTAG boundary scan mode selection
TDI
51
I
JTAG boundary scan data input
TDO
50
O
JTAG boundary scan data output
RST
48
I
Active low to reset the chip
MCLK
6
I
Master clock input (TCXO or XO)
EVENT_INTR
5
O
Event interrupt
EX_SYNC1
28
I
Frame Sync signal 1
EX_SYNC2
33
I
Frame Sync signal 2
EX_SYNC3
35
I
Frame Sync signal 3
REF1
29
I
Reference input 1
REF2
30
I
Reference input 2
REF3
34
I
Reference input 3
REF4_P
23
I
Differential reference input 4 (LVPECL/LVDS)
REF4_N
24
I
Differential reference input 4 (LVPECL/LVDS)
REF5_P
25
I
Differential reference input 5 (LVPECL/LVDS)
REF5_N
26
I
Differential reference input 5 (LVPECL/LVDS)
CLK1_P
19
O
Clock output CLK1 positive. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK1_N
20
O
Clock output CLK1 negative, 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK2
56
O
Clock output CLK2 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G3, proprietary
composite signal of Synthesizer F or Synthesizer GT4 (T4). LVCMOS.


Similar Part No. - STC5425

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
More results

Similar Description - STC5425

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5415 CONNOR-WINFIELD-STC5415 Datasheet
783Kb / 48P
   Line Card Clock
STC5230 CONNOR-WINFIELD-STC5230_15 Datasheet
1Mb / 48P
   Line Card Clock
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com