Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC5425 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # STC5425
Description  Line Card Clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  STC5425 Datasheet HTML 1Page - Connor-Winfield Corporation STC5425 Datasheet HTML 2Page - Connor-Winfield Corporation STC5425 Datasheet HTML 3Page - Connor-Winfield Corporation STC5425 Datasheet HTML 4Page - Connor-Winfield Corporation STC5425 Datasheet HTML 5Page - Connor-Winfield Corporation STC5425 Datasheet HTML 6Page - Connor-Winfield Corporation STC5425 Datasheet HTML 7Page - Connor-Winfield Corporation STC5425 Datasheet HTML 8Page - Connor-Winfield Corporation STC5425 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Page 1 of 48 TM113
Rev: P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Functional Specification
Data sheet
Preliminary
Figure 1:Functional Block Diagram
Description
The RoHS 6/6 compliant STC5425 is a single chip
clock synchronization solution for line card applica-
tions in SDH, SONET, and Synchronous Ethernet
network elements.
The STC5425 accepts 5 clock reference inputs, 3
external frame sync inputs (EX_SYNC1, 2, 3) and
generates 4 synchronized clock outputs. Synchro-
nized outputs may be programmed for wide variety of
frequencies from 1MHz up to 156.25MHz, in 1kHz
steps. Reference inputs are individually monitored for
activity and quality. Reference selection may be auto-
matic, manual, or hard-wired manual.
The timing generator may operate in the Freerun,
Synchronized, and Holdover. It includes a DSP-
based PLL. Synchronized mode is external timing
while freerun and holdover mode are self-timing.
DSP-based PLL technology removes any external
component except the oscillator. It provides excellent
performance and reliability to STC5425.
The STC5425 is clocked by an external oscillator,
either a stable TCXO or XO, as required by applica-
tion.
Features
- Suitable for SONET, SDH, and Synchronous Ethernet
applications
- Supports 4 different frequencies of external oscillator
upon soft-reset: 10MHz, 12.8MHz, 19.2MHz, 20MHz
- Provides three 2kHz or 8kHz external frame sync input
- Accepts 5 clock reference inputs
- Supports automatically frequency detection or manually
acceptable frequency. Each reference input is monitored
for activity and quality
- Automatic, manual, and hard-wired manual reference
selection
- Outputs 4 synchronized
clock outputs, including 2 frame
pulse clocks
- Frequency translation of input clock to a different local
line card clock
- 3 clock synthesizers generate frequencies
- Phase-align locking or hit-less reference switching
- Programmable loop bandwidth, from 13Hz to 100Hz
- Programmable phase skew in synthesizer level
- SPI bus interface
- Single 3.3V operation
- IEEE 1149.1 JTAG boundary scan
- Available in TQFP64 package
5
Synth
F
8kHz
2kHz
EX_SYNC 1
Timing
SPI Interface
CLK1, LVPECL/LVDS
CLK8K
Ref
Monitor
CLK2K
3 LVCMOS
+
2 LVPECL/LVDS/LVCMOS
TCXO
Generator
SRCSW
Synthesizer G1
Ref Clk
Synthesizer G4
CLK2
EX_SYNC 2
EX_SYNC 3
XO


Similar Part No. - STC5425

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
More results

Similar Description - STC5425

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5415 CONNOR-WINFIELD-STC5415 Datasheet
783Kb / 48P
   Line Card Clock
STC5230 CONNOR-WINFIELD-STC5230_15 Datasheet
1Mb / 48P
   Line Card Clock
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com