Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG4000 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # SCG4000
Description  Synchronous Clock Generators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4000 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button SCG4000 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 9Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 10Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 11Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 12Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 13Page - Connor-Winfield Corporation SCG4000 Datasheet HTML 14Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet #: SG031
Page 10 of 16
Rev: 01
Date: 07/30/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
SCG4000
SCG4000 Individual Features:
Four selectable References: 8, 16, 32, and 64
kHz.
LVPECL Oscillator Output: 125.0 MHz or 155.52
MHz
CMOS reference output frequency equals input
reference frequency.
The SCG4000 is Connor-Winfield’s base model
for the SCG4000 Series product line. The
SCG4000 can lock to one of four input
reference frequencies from 8 to 64 kHz which is
selectable using two input control pins.
Input Reference Selection
Table 11
SCG4000
Input Sel A
Input Sel B
Reference Frequency
(Pin #5)
(Pin #6)
(Pin #8)
0
0
8 kHz (default)
1
0
16 kHz
0
1
32 kHz
1
1
64 kHz
Reference and Output Availability
Table 12
SCG4000
LVPECL
CMOS
Input Reference
Oscillator Output
Reference Output
(Pin #4)
(Pin #16 & #18)
(Pin #7)
8 kHz
125.0 MHz
8 kHz
8 kHz
8 kHz
16 kHz
155.52 MHz
16 kHz
32 kHz
32 kHz
64 kHz
64 kHz
Ordering Information
SCG4000-125.0M
SCG4000-155.52M


Similar Part No. - SCG4000

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
More results

Similar Description - SCG4000

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com