Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-501 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # OX-501
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-501 Datasheet(HTML) 4 Page - Vectron International, Inc

  OX-501_14 Datasheet HTML 1Page - Vectron International, Inc OX-501_14 Datasheet HTML 2Page - Vectron International, Inc OX-501_14 Datasheet HTML 3Page - Vectron International, Inc OX-501_14 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 7 of 7
Ordering Information
OX - 501 1 - E A E - 208 0 - 20M0000000
Product Family
OX: OCXO
Package
SMD version
Height
1: 6.2mm
Supply Voltage
E: 3.3V
Stability Code
208: ±20ppb
108: ±10ppb
Frequency
Frequency Control
0: No Tuning
1: EFC ±5.0 to ± 12 ppm
2: No tuning + No Enable
3: EFC + Enable
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev. 18 Feb 2014
For Additional Information, Please Contact
RF Output Code
A: HCMOS
Temperature Range
E: -40°C to +85°C
J: -20°C to +70°C
Notes:
1.
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
frequencies.
2.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
control voltage, load, temperature (25°C).
3.
Phase noise degrades with increasing output frequency.
4.
Subject to technical modification.
5.
Contact factory for availability.
USA:
Vectron International
267 Lowell Road Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
Vectron International
68 Yin Cheng Road(C), 22nd Floor
One LuJiaZui
Pudong, Shanghai 200120, China
Tel: +86 21 6194 6886
Fax: +86 21 6194 6699


Similar Part No. - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-501 VECTRON-OX-501_12 Datasheet
633Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com