Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG2550 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # SCG2550
Description  Synchronous Clock Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2550 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

  SCG2550 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2550 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Data Sheet #: SG045
Page 6 of 8
Rev: P02
Date: 12/16/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
MEETS EIA-481A AND EIAJ-1009B
1.00 DIA
250 PCS/REEL MAXIMUM
.08
3.15
13.00
8.45 DIA
.08
1.31
.08
DIRECTION OF FEED (CUSTOMER)
(33.27mm)
(2.0mm)
(2.0mm)
(330.2mm)
(80mm)
(2.0mm)
(214.6mm) DIA
(25.4mm)
(Bo)
POCKET SIZE
(Ao)
(Ko)
20.92mm (.824")
21.17mm (.833")
9.49mm (.374")
32mm (1.26") WIDTH
32mm (1.26") PITCH
6.99mm (.275")
(KI)
.374
AD
(9.49mm)
.014
(.36mm)
(28.4mm)
1.118
.559
(14.2mm)
.079 (2mm) DIA. MIN.
.059 (1.5mm) DIA.
.063 (1.6mm) DIA.
.069
(1.75mm)
(4mm)
.157
(2mm)
.079
.063 (1.6mm)
.059 (1.5mm)
.065
.072 (1.85mm)
(1.65mm)
(Ko)
(20.92mm)
.824
.833 (Bo)
(21.17mm)
BD
1.26
(32.0mm)
.275
(6.99mm)
1.260 (32.0mm)
.236 (6.0mm)
(1.93mm)
.076
45°
19.4°
.383
(9.74mm)
(6.00mm)
.236
(3.00mm)
.118
.138
(3.51mm)
W
P
Tape and Reel Packaging
Figure 5


Similar Part No. - SCG2550

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
SCG2500 CONNOR-WINFIELD-SCG2500_15 Datasheet
899Kb / 10P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG2520 CONNOR-WINFIELD-SCG2520 Datasheet
898Kb / 10P
   Synchronous Clock Generators
More results

Similar Description - SCG2550

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com