Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG2000IG Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG2000IG
Description  Synchronous Clock Generators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000IG Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG2000IG_15 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2000IG_15 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet #: SG130
Page 3 of 16
Rev: P00
Date: 7/12/06
© Copyright 2006 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Pin Out Diagram
Figure 2
Pin Description
Table 2
Pin #
Connection
Description
1
Reference Output
Output frequency is dependent on SCG model
2
TCK
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
3
TMS
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
4
Ground
Ground
5
Free Run Enable/TDI
Free Run enable pin. 1 = Free Run. Input is pulled to GND
6
Loss of Reference (LOR)
Alarm indicator. 1 = The reference has been lost.
7
Loss of Lock (LOL)
Alarm indicator. 1 = Phase lock has been lost
8
Reference Input
Input reference frequency
9
Oscillator Output
Output frequency is dependent on SCG model
10
Tri-State enable
Tri State control for all outputs except Oscillator Output. 1 = Hi-Z, 0 = normal.
Input is pulled to GND.
11
Vcc
3.3V Supply Voltage.
12
TDO
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
13
Input Freq. Select B
Control pin B used to select input frequency. Input is pulled to GND.
14
Input Freq. Select A
Control pin A used to select input frequency. Input is pulled to GND.
Pin 1
Pin 7
Pin 8
Pin 14
Reference Output
TCK
TMS
GND
Free Run Enable/TDI
Loss of Reference (LOR)
Loss of Lock (LOL)
Input Freq. Select a
Input Freq. Select B
TDO
VCC
Tri-State Enable
Oscillator Output
Reference Input
Top View


Similar Part No. - SCG2000IG_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
More results

Similar Description - SCG2000IG_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com