Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG51 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # SCG51
Description  Synchronous Clock Generators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG51 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  SCG51 Datasheet HTML 1Page - Connor-Winfield Corporation SCG51 Datasheet HTML 2Page - Connor-Winfield Corporation SCG51 Datasheet HTML 3Page - Connor-Winfield Corporation SCG51 Datasheet HTML 4Page - Connor-Winfield Corporation SCG51 Datasheet HTML 5Page - Connor-Winfield Corporation SCG51 Datasheet HTML 6Page - Connor-Winfield Corporation SCG51 Datasheet HTML 7Page - Connor-Winfield Corporation SCG51 Datasheet HTML 8Page - Connor-Winfield Corporation SCG51 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet #: SG079
Page 4 of 14
Rev: 00
Date: 09/08/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Output Jitter Specifications
Table 6
Jitter BW 10 Hz - 20 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
155.52 (PECL)
10(typical)
1.55 (typical)
1 (max)
0.156 (max)
77.76 (PECL)
10(typical)
0.77 (typical)
1 (max)
0.077 (max)
77.76 (CMOS)
15(typical)
1.16 (typical)
3 (max),0.4 (typical)
0.467 (max)
LVPECL Output Characteristics
Table 5
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
f
OUT
Available LVPECL Output Frequencies
4.86
155.52
MHz
3
V
OH
High Level LVPECL Voltage
V
CC-1.085
-
V
CC-0.88
V
V
OL
Low Level LVPECL Voltage
V
CC-1.83
-
V
CC-1.62
V
C
L
Output Capacitance
3
pF
T
SKEW
Differential Output Skew
280
ps
T
R/TF
Rise/Fall Time (20%-80%)
0.35
1
ns
DC
Positive Duty Cycle
45
55
%
I
SAVINGS
Current Savings per Unloaded PECL Pair
20
mA
CMOS Input And Output Characteristics
Table 4
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
f
OUT
Available CMOS Output Frequencies
8 k
155.52 M
Hz
3
V
IH
High Level Input Voltage
2
5.5
V
V
IL
Low Level Input Voltage
0
0.8
V
T
IO
I/O to Output Valid
10
nS
C
O
Output Capacitance
10
pF
V
HO
High Level Output Voltage loh = 04mA
2.4
Vcc Min.
V
IO
Low Level Output Voltage lo1 = 6mA
0.5
Vcc Max.
T
IR
Input Reference Signal Pulse Width
12.5
nS
DC
Positive Duty Cycle
40
60
%
4
NOTES:
3.0: Refer to the available frequency combination table in the Ordering Information Section on page 8.
4.0: If the CMOS output is an even divide of Y0, then its duty cycle will be ~50%.


Similar Part No. - SCG51

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG52 CONNOR-WINFIELD-SCG52 Datasheet
650Kb / 14P
   Synchronous Clock Generators
SCG52IG CONNOR-WINFIELD-SCG52IG Datasheet
183Kb / 14P
   Synchronous Clock Generators
More results

Similar Description - SCG51

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com