Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSTM-S3-IT3 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # MSTM-S3-IT3
Description  Stratum 3 Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-IT3 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  MSTM-S3-IT3 Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-IT3 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Application
The Connor-Winfield MSTM-S3-IT3
Simplified Control Timing Module acts as a
complete system clock module for Stratum 3
timing applications in accordance with GR-
1244, Issue 2 and GR-253, Issue 3.
Connor Winfield’s Stratum 3 timing modules
helps reduce the cost of your design by
minimizing your development time and
maximizing your control of the system clock
with our simplified design.
Features
• -40° to 85° Temp.
Range
• 5V Miniature Timing
Module
• Redundant 8kHz
References
• 40 sec., Filtered,
Hold Over History
• Operational Status
Flags
MSTM-S3-IT3-19.44M
Stratum 3
Timing Module
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630-851-5040
www.conwin.com
Bulletin
TM034
Page
1 of 16
Revision
P01
Date
04 DEC 02
Issued By
MBatts


Similar Part No. - MSTM-S3-IT3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results

Similar Description - MSTM-S3-IT3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com