Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4C543 Datasheet(PDF) 4 Page - Solid State Optronic

Part # AD4C543
Description  Low Input Control Current (2.5mA TYP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C543 Datasheet(HTML) 4 Page - Solid State Optronic

  AD4C543 Datasheet HTML 1Page - Solid State Optronic AD4C543 Datasheet HTML 2Page - Solid State Optronic AD4C543 Datasheet HTML 3Page - Solid State Optronic AD4C543 Datasheet HTML 4Page - Solid State Optronic AD4C543 Datasheet HTML 5Page - Solid State Optronic AD4C543 Datasheet HTML 6Page - Solid State Optronic AD4C543 Datasheet HTML 7Page - Solid State Optronic AD4C543 Datasheet HTML 8Page - Solid State Optronic AD4C543 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 9
AD4C543 H/S/TR
Rev 2.00 (11/25/2013)
001751
AD4C543
1 Form A / 1 Form B
60V / 2Ω
MOSFET Output Solid State Relay
AD4C543 Performance & Characteristics Plots, Cont… TA = 25°C (unless otherwise specified)


Similar Part No. - AD4C543

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C541 SSOUSA-AD4C541 Datasheet
215Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
More results

Similar Description - AD4C543

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com