Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4C312 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD4C312
Description  Low Input Control Current (2.5mA TYP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C312 Datasheet(HTML) 1 Page - Solid State Optronic

  AD4C312 Datasheet HTML 1Page - Solid State Optronic AD4C312 Datasheet HTML 2Page - Solid State Optronic AD4C312 Datasheet HTML 3Page - Solid State Optronic AD4C312 Datasheet HTML 4Page - Solid State Optronic AD4C312 Datasheet HTML 5Page - Solid State Optronic AD4C312 Datasheet HTML 6Page - Solid State Optronic AD4C312 Datasheet HTML 7Page - Solid State Optronic AD4C312 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C312/H/S/TR
Rev 2.00 (09/05/2013)
001630
Page 1 of 8
AD4C312
Dual 1 Form B
400V / 15 Ω
MOSFET Output Solid State Relay
Description
The AD4C312 is composed of two distinct 1 Form B
(normally closed) relays in one compact 8 pin DIP package.
Each relay consists of an AlGaAs LED optically coupled to
a Photo Diode Array, driving a pair of rugged source-to-
source depletion type DMOS transistors. The output MOS
transistors are protected with free-wheeling diodes that can
handle up to 5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
The AD4C312 comes standard in a miniature 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Meter Reading Systems
Multiplexers
Data Acquisition
Medical Equipment
Battery Monitoring
Home / Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C312
8 pin DIP, (50/Tube)
AD4C312-H
3.75kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C312-S
8 pin SMD, (50/Tube)
AD4C312-HS
3.75kVRMS, 8 pin SMD, (50/Tube)
AD4C312-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C312-HSTR 3.75kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 Low Input Control Current (2.5mA TYP)
 180mA Maximum Continuous Load Current
 Low On Resistance (12 TYP – Both Poles)
 High Isolation Voltage (2.5kVRMS, 3.75kVRMS -H Option)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant
1
2
3
6
7
8
(+) Input 1
(-) Input 1
(+) Input 2
(+/-) Load 2
(-/+) Load 1
(+/-) Load 1
AD4C312
4
5
(-) Input 2
(-/+) Load 2


Similar Part No. - AD4C312

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
   Current limit protection
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
   180mA Maximum Continuous Load Current
More results

Similar Description - AD4C312

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com