Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4C201 Datasheet(PDF) 2 Page - Solid State Optronic

Part # AD4C201
Description  High Blocking Voltage (600V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C201 Datasheet(HTML) 2 Page - Solid State Optronic

  AD4C201 Datasheet HTML 1Page - Solid State Optronic AD4C201 Datasheet HTML 2Page - Solid State Optronic AD4C201 Datasheet HTML 3Page - Solid State Optronic AD4C201 Datasheet HTML 4Page - Solid State Optronic AD4C201 Datasheet HTML 5Page - Solid State Optronic AD4C201 Datasheet HTML 6Page - Solid State Optronic AD4C201 Datasheet HTML 7Page - Solid State Optronic AD4C201 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
AD4C201 /H/S/TR
Rev 2.00 (11/25/2013)
001746
AD4C201
Dual 1 Form A
600V / 20 Ω
MOSFET Output Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Turn-On Current (LED Trigger)
IF
-
2.5
5
mA
IO = 150mA
Turn-Off Current
IFOFF
-
0.5
-
mA
IO = 150mA
Terminal Capacitance
Ct
-
30
-
pF
V=0, f=1MHz
Output Specifications
Blocking Voltage
VB
600
-
-
V
IF=0mA, IO=1A
Continuous Load Current
IO
-
-
150
mA
IF=5mA
On Resistance
RON
-
17
20
IF=5mA, IO=150mA
Leakage Current
IOleak
-
0.2
1
A
VO=600V
Output Capacitance
COUT
-
20
-
pF
IF=0mA, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=5mA
Coupled Specifications
Turn-On Time
TON
-
2
5
mS
IF=5mA, IO=150mA
Turn-Off Time
TOFF
-
0.05
1
mS
IF=0mA, IO=150mA
Input to Output Capacitance
CS
-
0.6
-
pF
V=0, f=1MHz
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

RH ≤ 50%, VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)


Similar Part No. - AD4C201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C211 SSOUSA-AD4C211 Datasheet
208Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C211-L SSOUSA-AD4C211-L Datasheet
214Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
More results

Similar Description - AD4C201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
   High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com