Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4019PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFB4019PBF
Description  Low QRR for Better THD and Lower EMI
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4019PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFB4019PBF Datasheet HTML 1Page - International Rectifier IRFB4019PBF Datasheet HTML 2Page - International Rectifier IRFB4019PBF Datasheet HTML 3Page - International Rectifier IRFB4019PBF Datasheet HTML 4Page - International Rectifier IRFB4019PBF Datasheet HTML 5Page - International Rectifier IRFB4019PBF Datasheet HTML 6Page - International Rectifier IRFB4019PBF Datasheet HTML 7Page - International Rectifier IRFB4019PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFB4019PbF
4
www.irf.com
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 10. Threshold Voltage vs. Temperature
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TJ , Junction Temperature (°C)
0
4
8
12
16
20
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
ID = 50µA
Ri (°C/W)
τι (sec)
0.535592 0.000222
0.913763 0.001027
0.432454 0.006058
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci=
τi/Ri
Ci=
τi/Ri
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC


Similar Part No. - IRFB4019PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF Datasheet
278Kb / 7P
   DIGITAL AUDIO MOSFET
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
More results

Similar Description - IRFB4019PBF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Infineon Technologies A...
IKD04N60RFA INFINEON-IKD04N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD10N60RFA INFINEON-IKD10N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD03N60RFA INFINEON-IKD03N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD06N60RFA INFINEON-IKD06N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.2,2014-09-30
IKD15N60RFA INFINEON-IKD15N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Axiomtek Co., Ltd.
NA560 AXIOMTEK-NA560 Datasheet
234Kb / 1P
   Smart Fan for better thermal and acoustic performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com