Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMNDM7001 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMNDM7001
Description  20V, 100mA, MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMNDM7001 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMNDM7001 Datasheet HTML 1Page - Central Semiconductor Corp CMNDM7001 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CMNDM7001 (R1)
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Packaging Base
7” Reel =
8,000 pcs. (add TR13 suffix to part number)
Reel Packing Information
Mechanical Drawing
Pin Configuration
N-Channel
P-Channel
Sample devices available upon request. To order samples of this device visit: www.centralsemi.com/info/CMNDM
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 8mm
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
Direction of Unreeling
Reel
Size
Reels per Box
Parts per Box
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
3
9
18
40
108
24,000
72,000
144,000
320,000
864,000
8x7x2
9x9x5
9x9x9
21x9x9
27x9x17
20x18x5
23x23x13
23x23x23
53x23x23
69x23x43
1
3
6
13
34
1
2
3
6
16
LEAD CODE:
1) Drain
2) Drain
3) Drain
MARKING CODE: AC
4) Source
5) Gate
LEAD CODE:
1) Drain
2) Drain
3) Drain
MARKING CODE: BC
4) Source
5) Gate
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
CMNDM7001 (N-Channel)
CMNDM8001 (P-Channel)
20V, 100mA, MOSFETs in the
miniature SOT-953 package


Similar Part No. - CMNDM7001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNDM7001 CENTRAL-CMNDM7001 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMNDM7001 CENTRAL-CMNDM7001_15 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMNDM7001_8001 CENTRAL-CMNDM7001_8001 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs in the miniature SOT-953 package
More results

Similar Description - CMNDM7001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB-CEDM7001VL_1509 CENTRAL-PB-CEDM7001VL_1509 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs
CMNDM7001_8001 CENTRAL-CMNDM7001_8001 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs in the miniature SOT-953 package
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
   20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
   20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
   20V P-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
   20V N-Channel MOSFETs
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
logo
E-CMOS Corporation
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
   20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
   20V N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
   20V N-Channel MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com