Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4032 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4032
Description  5V, 6dB Video Buffer with Sync-Tip Clamp, Output Sag Correction, and 150nA Shutdown Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4032 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4032 Datasheet HTML 2Page - Maxim Integrated Products MAX4032 Datasheet HTML 3Page - Maxim Integrated Products MAX4032 Datasheet HTML 4Page - Maxim Integrated Products MAX4032 Datasheet HTML 5Page - Maxim Integrated Products MAX4032 Datasheet HTML 6Page - Maxim Integrated Products MAX4032 Datasheet HTML 7Page - Maxim Integrated Products MAX4032 Datasheet HTML 8Page - Maxim Integrated Products MAX4032 Datasheet HTML 9Page - Maxim Integrated Products MAX4032 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5V, 6dB Video Buffer with Sync-Tip Clamp,
Output Sag Correction, and 150nA Shutdown Current
6
_______________________________________________________________________________________
Detailed Description
The MAX4032 5V, 6dB video buffer with sync-tip
clamp, output sag correction, and low-power shutdown
mode is available in tiny SOT23 and SC70 packages.
The sag-corrected output of the MAX4032 is designed
to drive AC-coupled, 150
Ω back-terminated video
loads in portable video applications such as digital still
cams, portable DVD players, digital camcorders,
PDAs, video-enabled cell phones, portable game sys-
tems, and notebook computers. The sag correction
feature introduces low-frequency compensation that
reduces the value of the normally bulky and expensive
330µF AC-coupling capacitor to two small, less expen-
sive 22µF capacitors. The input clamp positions the
video waveform at the output and allows the MAX4032
to be used as either an AC- or DC-coupled output driver.
The MAX4032 operates from a single 5V supply and
consumes only 6.5mA of supply current. The low-power
shutdown mode reduces the supply current to 150nA,
making the MAX4032 ideal for low-voltage, battery-
powered video applications.
The input signal to the MAX4032 is AC-coupled through
a capacitor into an active sync-tip clamp circuit, which
places the minimum of the video signal at approximate-
ly 0.38V. The output buffer amplifies the video signal
while still maintaining the 0.38V clamp voltage at the
output. For example, if VIN = 0.38V, then VOUT = 0.38V.
If VIN = (0.38V + 1V) = 1.38V, then VOUT = (0.38V + 2 X
(1V)) = 2.38V when SAG is shorted OUT.
There are two common output connections for the
MAX4032:
1) SAG is shorted to OUT and 150
Ω is directly con-
nected from OUT to ground (see Figure 2).
2) Two capacitors and 150
Ω are connected between
OUT, SAG, and ground (see Figure 3).
Sag Correction
Sag correction refers to the low-frequency compensa-
tion of the highpass filter formed by the 150
Ω load of a
back-terminated coax and the output-coupling capaci-
tor. This break point must be low enough in frequency
to pass the Vertical Sync Interval (<25Hz for PAL and
<30Hz for NTSC) to avoid Field Tilt. Traditionally, the
break point is made <3~5Hz, and the coupling capaci-
tor must be very large, typically >330µF. The MAX4032
reduces the value of this coupling capacitor, replacing
it with a pair of 22µF capacitors. This is done by putting
a resistor network in series with the feedback, raising
the gain, and creating a high-impedance node at the
SAG output. This node is AC-coupled to the load in par-
allel with the normal output, as shown in Figure 3. This
allows the use of two smaller capacitors (COUT and
CSAG), typically 22µF, substantially reducing the size of
the interface caps and their cost while retaining the low-
frequency response.
The minimum value of the output-coupling capacitor is
a function of the acceptable Field Tilt. In Figure 1, the
Field Tilt is given for several values of capacitance from
10µF to 47µF for comparison. Although values lower
than 22µF may have acceptable Field Tilt, they are not
recommended, since tolerance, aging, and voltage
and temperature coefficients reduce the capacitance in
actual
applications.
Increasing
the
output-
coupling capacitors beyond 47µF does not improve
performance.
Shutdown Mode
The MAX4032 features a low-power shutdown mode
(ISHDN = 150nA) for battery-powered/portable applica-
tions. Pulling the SHDN pin high enables the output.
Connecting the SHDN pin to ground (GND) disables
the output and places the MAX4032 into a low-power
shutdown mode.
Applications Information
Input Coupling the MAX4032
The MAX4032 input must be AC-coupled because the
input capacitor stores the clamp voltage. The MAX4032
requires a typical value of 0.1µF for the input clamp to
meet the Line Droop specification. A minimum of a
ceramic capacitor with an X7R temperature coefficient is
recommended to avoid temperature-related problems
with Line Droop. For extended temperature operation,
such as outdoor applications, or where the impressed
Figure 1. Field Tilt vs. Output-Coupling Capacitance
COUPLING CAPACITANCE (
µF)
100
20
40
60
80
10
20
30
40
50


Similar Part No. - MAX4032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
MAX4030EESA MAXIM-MAX4030EESA Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
MAX4030EEUA MAXIM-MAX4030EEUA Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
MAX4031E MAXIM-MAX4031E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
MAX4031EESD MAXIM-MAX4031EESD Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
More results

Similar Description - MAX4032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090_05 Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090_09 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
logo
STMicroelectronics
TSH120 STMICROELECTRONICS-TSH120 Datasheet
177Kb / 13P
   2.2V to 5V video buffer with SAG correction
logo
Maxim Integrated Produc...
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
logo
ON Semiconductor
NCS2561 ONSEMI-NCS2561 Datasheet
508Kb / 11P
   3.3V Single Channel Video Driver with Recontruction Filter and SAG Correction
February, 2008 - Rev. 1
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
   Ultra-low Power Video Filter with Shut-down & SAG Correction
logo
STMicroelectronics
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
   Demonstration board for video buffer plus filter with SAG correction based on the TSH122
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com