Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB_CMKD6000-1509 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PB_CMKD6000-1509
Description  75V, 250mA Dual Pair In Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PB_CMKD6000-1509 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PB_CMKD6000-1509 Datasheet HTML 1Page - Central Semiconductor Corp PB_CMKD6000-1509 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
75V, 250mA Dual Pair In Series
Ultra Low Leakage Diodes in SOT-363 package
Central Semiconductor’s CMKD6000 consists of two pair
of electrically isolated, series configured ultra low leakage
switching diodes. This device, packaged in the SOT-363, offers
a high density energy efficient solution for a variety of portable
battery powered applications.
SOT-363
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• Device configuration flexibility
• High density
• Reverse leakage optimized for logic levels
• Four diodes in the SOT-363 package
Benefits:
Features:
• Low IR (400pA @ 75V)
• Low capacitance (2.0pF)
• Forward current (IF = 250mA)
Applications:
• Hand-held medical devices
• Battery operated equipment
• High speed data line steering
• Voltage multiplier circuits
Typical Electrical Characteristics
Electrical Characteristics (TA = 25˚C unless otherwise noted)
Thermal Characteristics
VRRM
(V)
MAX
IF
(mA)
MAX
VF
@ IF
(V)
(V)
(mA)
TYP
MAX
IR
@ VR
(pA)
(pA)
(V)
TYP
MAX
trr
(μs)
MAX
CT
(pF)
MAX
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
ΘJA
(˚C/W)
MAX
100
250
0.77
0.85
0.96
0.85
0.95
1.1
1.0
10
100
400
500
75
3.0
2.0
250
-65 to +150
500
To order samples of this device visit:
www.centralsemi.com/info/CMKD6000
Samples and Literature
Order your selection guide today.
Visit: web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
CMKD6000
Product Brief
Product Brief


Similar Part No. - PB_CMKD6000-1509

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB-CMKDM8005_1509 CENTRAL-PB-CMKDM8005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, P-Channel MOSFET
More results

Similar Description - PB_CMKD6000-1509

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
1Mb / 2P
   75V, 250mA Ultra Low Leakage Switching Diode in the SOT-523W package
CMXSH2-4LS CENTRAL-CMXSH2-4LS_15 Datasheet
500Kb / 2P
   DUAL PAIR, IN-SERIES LOW VF SILICON SCHOTTKY DIODES
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
Linear Technology
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
logo
Diodes Incorporated
ZDT1053 DIODES-ZDT1053_15 Datasheet
577Kb / 7P
   75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
logo
Astec America, Inc
AA25N-048L-033S ASTEC-AA25N-048L-033S Datasheet
166Kb / 4P
   36-75V in; 3.3V / 6A out
AA25N-048L-050S ASTEC-AA25N-048L-050S Datasheet
168Kb / 4P
   36-75V in; 5V/5A out
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
logo
SG Micro Corp
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com