Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTN16244B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVTN16244B
Description  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTN16244B Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVTN16244B_15 Datasheet HTML 1Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVTN16244B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 2 April 2012
2 of 16
NXP Semiconductors
74LVTN16244B
3.3 V 16-bit buffer/driver; 3-state
4.
Functional diagram
Pin numbers are shown for TSSOP48 package only.
Pin numbers are shown for TSSOP48 package only.
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aae506
47
46
44
43
2
3
5
6
1A0
1A1
1A2
1A3
1Y0
1Y1
1Y2
1Y3
1
1OE
36
35
33
32
13
14
16
17
3A0
3A1
3A2
3A3
3Y0
3Y1
3Y2
3Y3
25
3OE
30
29
27
26
19
20
22
23
4A0
4A1
4A2
4A3
4Y0
4Y1
4Y2
4Y3
24
4OE
41
40
38
37
8
9
11
12
2A0
2A1
2A2
2A3
2Y0
2Y1
2Y2
2Y3
48
2OE
1
1
1
1
1
3
2
4
001aae231
33
32
30
29
27
26
16
17
19
20
22
23
47
46
44
43
41
40
38
37
36
35
2
3
5
6
8
9
11
12
13
14
24
25
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2A3
3A0
3A1
3A2
3A3
4A0
4A1
4A2
4A3
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
48
1
4OE
1OE
2OE
3OE
EN1
EN2
EN3
EN4


Similar Part No. - 74LVTN16244B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
More results

Similar Description - 74LVTN16244B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com